Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

9GA1212G4001 Datasheet(PDF) 4 Page - SANYO DENKI CO., LTD.

Part No. 9GA1212G4001
Description  San Ace 120 9GA type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYODENKI [SANYO DENKI CO., LTD.]
Direct Link  https://www.sanyodenki.com/
Logo SANYODENKI - SANYO DENKI CO., LTD.

9GA1212G4001 Datasheet(HTML) 4 Page - SANYO DENKI CO., LTD.

  9GA1212G4001 Datasheet HTML 1Page - SANYO DENKI CO., LTD. 9GA1212G4001 Datasheet HTML 2Page - SANYO DENKI CO., LTD. 9GA1212G4001 Datasheet HTML 3Page - SANYO DENKI CO., LTD. 9GA1212G4001 Datasheet HTML 4Page - SANYO DENKI CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
164
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
0
50
100
150
200
250
1
2
3
4
5
0
0.50
1.00
0.25
0.75
0
140 160
120
100
180
80
60
40
20
300
350
1.25
24 V
14 V
27.6 V
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
0
100
200
300
400
500
1
2
3
4
5
0
1.0
2.0
0.5
1.5
0
140 160
120
100
180
80
60
40
20
53 V
48 V
36 V
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
0
50
100
150
200
250
1
2
3
4
5
0
0.50
1.00
0.25
0.75
0
140 160
120
100
180
80
60
40
20
300
350
1.25
53 V
48 V
36 V
ø135
104.8
±0.3
4-
ø4.5
118
ø127
104.8
±0.3
4-
ø4.5
118
リード線
AWG24
UL 1007
回転方向
風吹出方向
+30
300 0
120
±0.8
104.8
±0.3
25.4
±0.5
(5)
(5)
(10)
4-
ø4.5±0.3
取付用穴
CATALOG No. C1097B001 '20.1.IT
Operating voltage range
Operating voltage range
Operating voltage range
Airflow
Airflow
Airflow
Inlet side
Outlet side
Rotating direction
Airflow direction
Lead wire
Mounting hole
Reference Dimensions of Mounting Holes and Vent Opening (unit: mm)
Dimensions (unit: mm) (WithpulsesensorwithPWMcontrolfunction)
Options
Finger guards
page: p. 559
Resin finger guards
page: p. 565
Model no.: 109-019E, 109-019K, 109-019C, 109-019H
Model no.: 109-1000G
Resin filter kits
page: p. 566
Model no.: 109-1000F13 (13PPI), 109-1000F20 (20PPI),
109-1000F30 (30PPI), 109-1000F40 (40PPI)
Airflow - Static Pressure Characteristics
9GA1224S4001 With pulse sensor
9GA1248G4001 With pulse sensor
9GA1248S4001 With pulse sensor


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn