Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

9GA1212G4001 Datasheet(PDF) 2 Page - SANYO DENKI CO., LTD.

Part No. 9GA1212G4001
Description  San Ace 120 9GA type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYODENKI [SANYO DENKI CO., LTD.]
Direct Link  https://www.sanyodenki.com/
Logo SANYODENKI - SANYO DENKI CO., LTD.

9GA1212G4001 Datasheet(HTML) 2 Page - SANYO DENKI CO., LTD.

  9GA1212G4001 Datasheet HTML 1Page - SANYO DENKI CO., LTD. 9GA1212G4001 Datasheet HTML 2Page - SANYO DENKI CO., LTD. 9GA1212G4001 Datasheet HTML 3Page - SANYO DENKI CO., LTD. 9GA1212G4001 Datasheet HTML 4Page - SANYO DENKI CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
162
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
DC24 V
0
100
200
300
400
500
1
2
3
4
5
0
1.0
2.0
0.5
1.5
0
140 160
120
100
180
80
60
40
20
PWMデューティ
100%
50%
25%
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
DC24 V
0
50
100
150
200
250
1
2
3
4
5
0
0.50
1.00
0.25
0.75
0
140 160
120
100
180
80
60
40
20
300
350
1.25
PWMデューティ
100%
50%
25%
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
PWMデューティ100%
0
100
200
300
400
500
1
2
3
4
0
1.0
2.0
0.5
1.5
5
0
140160
120
100
180
80
60
40
20
20.4 V
24 V
27.6 V
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
PWMデューティ100%
0
50
100
150
200
250
1
2
3
4
5
0
0.50
1.00
0.25
0.75
0
140 160
120
100
180
80
60
40
20
300
350
1.25
20.4 V
24 V
27.6 V
(min-1)
PWM デューティサイクル
0
(%)
100
電圧:DC24 V
PWM周波数:25 kHz
6400 min-1
5000
6000
4000
3000
2000
1000
7000
(min-1)
PWM デューティサイクル
0
(%)
100
電圧:DC24 V
PWM周波数:25 kHz
5400 min-1
5000
6000
4000
3000
2000
1000
7000
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
DC12 V
0
50
100
150
200
250
1
2
3
4
5
0
0.50
1.00
0.25
0.75
0
140 160
120
100
180
80
60
40
20
300
350
1.25
PWMデューティ
100%
50%
25%
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
DC12 V
0
100
200
300
400
500
1
2
3
4
5
0
1.0
2.0
0.5
1.5
0
140 160
120
100
180
80
60
40
20
PWMデューティ
100%
50%
25%
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
PWMデューティ100%
0
100
200
300
400
500
1
2
3
4
0
1.0
2.0
0.5
1.5
5
0
140160
120
100
180
80
60
40
20
10.2 V
12 V
13.8 V
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
PWMデューティ100%
0
50
100
150
200
250
1
2
3
4
5
0
0.50
1.00
0.25
0.75
0
140 160
120
100
180
80
60
40
20
300
350
1.25
10.2 V
12 V
13.8 V
(min-1)
PWM デューティサイクル
0
(%)
100
電圧:DC12 V
PWM周波数:25 kHz
6400 min-1
5000
6000
4000
3000
2000
1000
7000
(min-1)
PWM デューティサイクル
0
(%)
100
電圧:DC12 V
PWM周波数:25 kHz
5400 min-1
5000
6000
4000
3000
2000
1000
7000
CATALOG No. C1097B001 '20.1.IT
9GA1224P4G001 With pulse sensor with PWM control function
9GA1224P4S001 With pulse sensor with PWM control function
PWM duty cycle
PWM duty cycle
Operating voltage range
Operating voltage range
PWM duty - Speed characteristics example
PWM duty - Speed characteristics example
Airflow
Airflow
Airflow
Airflow
PWM duty cycle 100%
PWM duty cycle 100%
PWM duty cycle
PWM duty cycle
PWM duty cycle
PWM duty cycle
Voltage: 24 VDC
PWM frequency: 25 kHz
Voltage: 24 VDC
PWM frequency: 25 kHz
24 VDC
24 VDC
Airflow
Airflow
Airflow
Airflow
PWM duty cycle 100%
PWM duty cycle
PWM duty cycle 100%
PWM duty cycle
Voltage: 12 VDC
PWM frequency: 25 kHz
PWM duty cycle
Voltage: 12 VDC
PWM frequency: 25 kHz
PWM duty cycle
12 VDC
12 VDC
PWM duty cycle
Operating voltage range
PWM duty - Speed characteristics example
Airflow - Static Pressure Characteristics / PWM Duty - Speed Characteristics Example
9GA1212P4G001 With pulse sensor with PWM control function
9GA1212P4S001 With pulse sensor with PWM control function
PWM duty cycle
Operating voltage range
PWM duty - Speed characteristics example


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn