Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F57C8A Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC87F57C8A
Description  8 BIT SINGLE CHIP MICROCONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F57C8A Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC87F57C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F57C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F57C8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F57C8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F57C8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F57C8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F57C8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F57C8A Datasheet HTML 14Page - Sanyo Semicon Device LC87F57C8A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LC87F57C8A
Ver.1.00
11/27
Port Output Configuration
Output configuration and pull-up resistor options are shown in the following table.
Input is possible even when a port is in output mode.
Terminal
Option
applies to:
Option
Output Format
Pull-up resistor
1
CMOS
Programmable (Note 1)
P00 - P07
each bit
2
Nch-open drain
None
1
CMOS
Programmable
P10 - P17
P20 - P27
each bit
2
Nch-open drain
Programmable
1
CMOS
Programmable
PA2 - PA5
PB0 - PB7(*)
PC0 - PC7
each bit
2
Nch-open drain
Programmable
P70
-
None
Nch-open drain
Programmable
P71 - P73
-
None
CMOS
Programmable
P80 - P82
-
None
Nch-open drain
None
PWM0, PWM1
-
None
CMOS
None
XT1
-
None
Input only
None
XT2
-
None
Output for 32.768kHz crystal oscillation
None
Note 1 Programmable pull-up resistor of Port 0 is specified in nibble units (P00 - P03, P04 - P07).
(*) When in parallel interface mode, PB0 - PB7 output format is CMOS, regardless of any selected option.
Note:
To reduce VDD signal noise and to increase the duration of the backup battery supply, VSS1, VSS2,
and VSS3 should connect to each other and they should also be grounded.
Example 1 : During backup in hold mode, port output ‘H’ level is supplied from the back-up capacitor.
VSS1 VSS2 VSS3
VDD1
VDD2
VDD3
Power
Supply
Back-up
capacitor
LSI


Similar Part No. - LC87F57C8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F52C8A SANYO-LC87F52C8A Datasheet
870Kb / 24P
   LC87F52C8A
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5932A SANYO-LC87F5932A Datasheet
183Kb / 25P
   CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F5932A SANYO-LC87F5932A Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
More results

Similar Description - LC87F57C8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com