Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

22UTH-560X Datasheet(PDF) 1 Page - BELIMO AIRCONTROLS (USA), INC

Part No. 22UTH-560X
Description  Outdoor Sensor Humidity, Temperature active with weather shield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

22UTH-560X Datasheet(HTML) 1 Page - BELIMO AIRCONTROLS (USA), INC

  22UTH-560X Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC 22UTH-560X Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC 22UTH-560X Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC 22UTH-560X Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC 22UTH-560X Datasheet HTML 5Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical data sheet
22UTH-560X
www.belimo.com
22UTH-560X • en-us • 2019-08-20 • Subject to change
1 / 5
Outdoor Sensor Humidity, Temperature
active with weather shield
Active humidity and temperature sensor for
outside applications. The radiation shield
protects the outside sensors from rain and
radiated heat. With the curved shape and
color of the plates air flow is able to move
across the sensors to keep radiated
temperatures from rooftops and surrounding
surfaces from affecting humidity readings.
With BACnet MS/TP communication and
integrated 0..10V outputs. NEMA 4X / IP65
rated enclosure.
Type Overview
Type
Output signal
Output signal
active
temperature
Output signal
active humidity
22UTH-560X
BACnet
DC 0...5 V,
DC 0...10 V
DC 0...5 V,
DC 0...10 V
Technical Data
Electrical Data
Power supply DC
15...24 V, ±10%, 0.7 W
Power supply AC
24 V, , ±10%, 1.8 VA
Electrical connection
Removable spring loaded terminal block max.
2.5 mm²
Cable entry
Cable gland with strain relief 2 x Ø6 mm (1/2"
NPT conduit adapter included)
Functional Data
Sensor Technology
polymer capacitive sensor with stainless steel
wire mesh
Communicative control
BACnet MS/TP
Output signal active note
Output DC 0...5/10 V selectable with switch
Application
air
Measuring Data
Measuring values
temperature
relative humidity
dew point
enthalpy
absolute humidity
Measuring range humidity
0...100% r.H.
selectable via BACnet
Measuring range temperature
selectable via BACnet
Attention: max. measuring temperature is
restricted by max. fluid temperature (see
Safety data)
Measuring range absolute humidity
0...80 g/m³
selectable via BACnet
Measuring range enthalpy
0...85 kJ/kg
selectable via BACnet
Measuring range dew point
0...200°F [-20...80°C]
selectable via BACnet
Accuracy humidity
±2% between 10...90% r.H. @ 70°F [21°C]
Accuracy temperature active
±0.9°F @ 77°F [±0.5°C @ 25°C]


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn