Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
HN27C4096HCC Datasheet(PDF) 3 Page - Hitachi Semiconductor
Part No.
HN27C4096HCC
Description
262,144-word
x
16-bit
CMOS
UV
Erasable
and
Programmable
ROM
Download
18 Pages
Scroll/Zoom
100%
Maker
HITACHI [Hitachi Semiconductor]
Homepage
http://www.renesas.com/eng
Logo
HN27C4096HCC Datasheet(HTML) 3 Page - Hitachi Semiconductor
zoom in
zoom out
3
/ 18 page
Html Pages
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
HN27C4000G
524288-Word
®8-Bit/262144-Word
X
16-Bit
CMOS
UV
Erasable
and
Programmable
ROM
1
2
3
4
5
More
Hitachi Semiconductor
HN27C256G
32768-WORD
x
8-BIT
CMOS
UV
ERASABLE
AND
PROGRAMMABLE
ROM
1
2
3
4
5
More
Hitachi Semiconductor
HN58C65
8192-word
X
8-bit
Electrically
Erasable
and
Programmable
CMOS
ROM
1
2
3
4
5
More
Hitachi Semiconductor
M5M27C202K-10
2097152-BIT
131072-WORD
BY
16-BIT
CMOS
ERASABLE
AND
ELECTRICALLY
REPROGRAMMABLE
ROM
1
2
3
4
5
More
Mitsubishi Electric Semiconductor
TC55VZM216A
262
144-WORD
BY
16-BIT
CMOS
STATIC
RAM
1
2
3
4
5
More
Toshiba Semiconductor
HN62408
524288-WORD
X
16-BIT/1048576-WORD
X
8-BIT
CMOS
MASK
PROGRAMMABLE
ROM
1
2
3
4
5
Hitachi Semiconductor
24C64
CMOS
I²C
2-WIRE
BUS
64K
ELECTRICALLY
ERASABLE
PROGRAMMABLE
ROM
8K
X
8
BIT
EEPROM
1
2
3
4
5
More
List of Unclassifed Manufacturers
24C04
CMOS
I2C
2-WIRE
BUS
4K
ELECTRICALLY
ERASABLE
PROGRAMMABLE
ROM
512
X
8
BIT
EEPROM
1
2
3
4
5
More
List of Unclassifed Manufacturers
24C08
CMOS
IC
2-WIRE
BUS
8K
ELECTRICALLY
ERASABLE
PROGRAMMABLE
ROM
1K
X
8
BIT
EEPROM
1
2
3
4
5
More
List of Unclassifed Manufacturers
24C128
CMOS
I2C
2-WIRE
BUS
128K/256K
ELECTRICALLY
ERASABLE
PROGRAMMABLE
ROM
16K/32K
X
8
BIT
EEPROM
1
2
3
4
5
More
List of Unclassifed Manufacturers
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn