Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

22UTH-530X Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part No. 22UTH-530X
Description  Outdoor Sensor Humidity, Temperature active with weather shield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

22UTH-530X Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  22UTH-530X Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC 22UTH-530X Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC 22UTH-530X Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC 22UTH-530X Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC 22UTH-530X Datasheet HTML 5Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data sheet
22UTH-530X
www.belimo.com
22UTH-530X • en-us • 2019-08-20 • Subject to change
2 / 5
Measuring Data
Measuring values
temperature
relative humidity
dew point
enthalpy
absolute humidity
Measuring range humidity
0...100% r.H. non-condensing
Measuring range temperature
Active sensor: range selectable
Attention: max. measuring temperature is
restricted by max. fluid temperature (see
Safety data)
Setting
range [°C]
range [°F]
Factory
setting
S0
-40...60°C
-40...160°F
S1
0...50°C
40...140°F
S2
-15...35°C
0...100°F
S3
-20...80°C
0...200°F
Measuring range absolute humidity
adjustable at the transducer:
0...50 g/m³ (default setting)
0...80 g/m³
Measuring range enthalpy
0...85 kJ/kg
Measuring range dew point
adjustable at the transducer:
40...140°F [0...50°C] (default setting)
0...200°F [-20...80°C]
Accuracy humidity
±2% between 10...90% r.H. @ 70°F [21°C]
Accuracy temperature active
±0.9°F @ 77°F [±0.5°C @ 25°C]
Materials
Cable gland
PA6, black
Housing
cover: lexan, gray
base: lexan, gray
seal: 0467 NBR70, black
UV resistant
Safety Data
Ambient humidity
short-term condensation permitted
Medium humidity
short-term condensation permitted
Ambient temperature
-30...120°F [-35...50°C]
Fluid temperature
-30...120°F [-35...50°C]
Operating condition air flow
max. 40 ft/s [12 m/s]
Protection class IEC/EN
III safety extra-low voltage (selv)
Protection class UL
UL Class 2 Supply
EU Conformity
CE Marking
Certification IEC/EN
IEC/EN 60730-1
Certification UL
cULus acc. to UL60730-1A/-2-9/-2-13, CAN/
CSA E60730-1:02/-2-9
Degree of protection IEC/EN
IP65
Quality Standard
ISO 9001


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn