Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

22UTH-530X Datasheet(PDF) 1 Page - BELIMO AIRCONTROLS (USA), INC

Part No. 22UTH-530X
Description  Outdoor Sensor Humidity, Temperature active with weather shield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

22UTH-530X Datasheet(HTML) 1 Page - BELIMO AIRCONTROLS (USA), INC

  22UTH-530X Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC 22UTH-530X Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC 22UTH-530X Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC 22UTH-530X Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC 22UTH-530X Datasheet HTML 5Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical data sheet
22UTH-530X
www.belimo.com
22UTH-530X • en-us • 2019-08-20 • Subject to change
1 / 5
Outdoor Sensor Humidity, Temperature
active with weather shield
Active humidity and temperature sensor
(4...20 mA) for outside applications. The
radiation shield protects the outside sensors
from rain and radiated heat. With the curved
shape and color of the plates air flow is able
to move across the sensors to keep
radiated temperatures from rooftops and
surrounding surfaces from affecting
humidity readings.
Type Overview
Type
Output signal
active temperature
Output signal
active humidity
22UTH-530X
4...20 mA
4...20 mA
Technical Data
Electrical Data
Power supply DC
15...24 V, ±10%, 0.5 W
Electrical connection
Removable spring loaded terminal block max.
2.5 mm²
Cable entry
Cable gland with strain relief Ø6...8 mm (1/2"
NPT conduit adapter included)
Functional Data
Sensor Technology
polymer capacitive sensor with stainless steel
wire mesh
Multirange
4 measuring ranges selectable
Output signal active note
current output: max. 500 Ω load
Application
air


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn