Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

22UTH-530B Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part No. 22UTH-530B
Description  Outdoor Sensor Humidity, Temperature with weather shield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

22UTH-530B Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  22UTH-530B Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC 22UTH-530B Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC 22UTH-530B Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC 22UTH-530B Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC 22UTH-530B Datasheet HTML 5Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data sheet
22UTH-530..
www.belimo.com
22UTH-530.. • en-us • 2019-08-20 • Subject to change
2 / 5
Measuring Data
Measuring values
temperature
relative humidity
dew point
enthalpy
absolute humidity
Measuring range humidity
0...100% r.H. non-condensing
Measuring range temperature
-30...120°F [-35...50°C]
Measuring range absolute humidity
adjustable at the transducer:
0...50 g/m³ (default setting)
0...80 g/m³
Measuring range enthalpy
0...85 kJ/kg
Measuring range dew point
adjustable at the transducer:
40...140°F [0...50°C] (default setting)
0...200°F [-20...80°C]
Accuracy humidity
±2% between 10...90% r.H. @ 70°F [21°C]
Accuracy temperature passive
passive sensors depending on used type
Pt.. = ±0.5°F @ 32°F [±0.3°C @ 0°C]
Ni.. = ±0.7°F @ 32°F [±0.4°C @ 0°C]
NTC.. = ±0.35°F @ 77°F [±0.2°C @ 25°C]
Materials
Cable gland
PA6, black
Housing
cover: lexan, gray
base: lexan, gray
seal: 0467 NBR70, black
UV resistant
Safety Data
Ambient humidity
short-term condensation permitted
Medium humidity
short-term condensation permitted
Ambient temperature
-30...120°F [-35...50°C]
Fluid temperature
-30...120°F [-35...50°C]
Protection class IEC/EN
III safety extra-low voltage (selv)
Protection class UL
UL Class 2 Supply
EU Conformity
CE Marking
Certification IEC/EN
IEC/EN 60730-1
Certification UL
cULus acc. to UL60730-1A/-2-9/-2-13, CAN/
CSA E60730-1:02/-2-9
Degree of protection IEC/EN
IP65
Quality Standard
ISO 9001
Safety Notes
This device has been designed for use in stationary heating, ventilation and air-conditioning
systems and must not be used outside the specified field of application. Unauthorised
modifications are prohibited. The product must not be used in relation with any equipment
that in case of a failure may threaten humans, animals or assets.
Ensure all power is disconnected before installing. Do not connect to live/operating
equipment.
Only authorised specialists may carry out installation. All applicable legal or institutional
installation regulations must be complied during installation.
The device contains electrical and electronic components and must not be disposed of as
household refuse. All locally valid regulations and requirements must be observed.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn