Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

22UTH-530B Datasheet(PDF) 1 Page - BELIMO AIRCONTROLS (USA), INC

Part No. 22UTH-530B
Description  Outdoor Sensor Humidity, Temperature with weather shield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

22UTH-530B Datasheet(HTML) 1 Page - BELIMO AIRCONTROLS (USA), INC

  22UTH-530B Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC 22UTH-530B Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC 22UTH-530B Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC 22UTH-530B Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC 22UTH-530B Datasheet HTML 5Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical data sheet
22UTH-530..
www.belimo.com
22UTH-530.. • en-us • 2019-08-20 • Subject to change
1 / 5
Outdoor Sensor Humidity, Temperature with
weather shield
For measuring the relative or absolute
humidity and temperature in outdoor areas.
Instead of the humidity signal, the enthalpy
or the dewpoint can be selected as an
output signal. NEMA 4X / IP65 rated
enclosure.
Type Overview
Type
Output signal
active humidity
Output signal
passive
temperature
22UTH-530B
4...20 mA
Pt1000
22UTH-530E
4...20 mA
Ni1000 (JCI)
22UTH-530L
4...20 mA
NTC10k2
22UTH-530M
4...20 mA
NTC10k3
22UTH-530Q
4...20 mA
NTC20k
Technical Data
Electrical Data
Power supply DC
15...24 V, ±10%, 0.5 W
Electrical connection
Removable spring loaded terminal block max.
2.5 mm²
Cable entry
Cable gland with strain relief Ø6...8 mm (1/2"
NPT conduit adapter included)
Functional Data
Sensor Technology
polymer capacitive sensor with stainless steel
wire mesh
Output signal passive temperature
Pt1000
Ni1000 (JCI)
NTC10k2
NTC10k3
NTC20k
Output signal active note
current output: max. 500 Ω load
Application
air


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn