Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

22UT-54 Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part No. 22UT-54
Description  Outside Temperature Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

22UT-54 Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  22UT-54 Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC 22UT-54 Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC 22UT-54 Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC 22UT-54 Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data sheet
22UT-54
www.belimo.com
22UT-54 • en-us • 2019-08-20 • Subject to change
2 / 4
Safety Data
Ambient humidity
max. 95% r.H., non-condensing
Ambient temperature
-30...120°F [-35...50°C]
Fluid temperature
-30...120°F [-35...50°C]
Housing surface temperature
max. 160°F [70°C]
Protection class IEC/EN
III protective extra-low voltage (pelv)
Protection class UL
UL Class 2 Supply
EU Conformity
CE Marking
Certification IEC/EN
IEC/EN 60730-1
Certification UL
cULus acc. to UL60730-1A/-2-9, CAN/CSA
E60730-1:02/-2-9
Degree of protection IEC/EN
IP65
Quality Standard
ISO 9001
Safety Notes
This device has been designed for use in stationary heating, ventilation and air-conditioning
systems and must not be used outside the specified field of application. Unauthorised
modifications are prohibited. The product must not be used in relation with any equipment
that in case of a failure may threaten humans, animals or assets.
Ensure all power is disconnected before installing. Do not connect to live/operating
equipment.
Only authorised specialists may carry out installation. All applicable legal or institutional
installation regulations must be complied during installation.
The device contains electrical and electronic components and must not be disposed of as
household refuse. All locally valid regulations and requirements must be observed.
Remarks
When using lengthy connection wires (depending on the cross section used) the measuring
result might be falsified due to a voltage drop at the common GND-wire (caused by the
voltage current and the line resistance). In this case, 2 GND-wires must be wired to the
sensor - one for supply voltage and one for the measuring current.
Sensing devices with a transducer should always be operated in the middle of the
measuring range to avoid deviations at the measuring end points. The ambient temperature
of the transducer electronics should be kept constant. The transducers must be operated at
a constant supply voltage (±0.2 V). When switching the supply voltage on/off, onsite power
surges must be avoided.
Scope of delivery
Scope of delivery
Description
Type
Mounting plate S housing
A-22D-A09
Dowel
Screws
1/2" NPT conduit adapter
General Remarks Concerning Sensors


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn