Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

22UT-54 Datasheet(PDF) 1 Page - BELIMO AIRCONTROLS (USA), INC

Part No. 22UT-54
Description  Outside Temperature Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

22UT-54 Datasheet(HTML) 1 Page - BELIMO AIRCONTROLS (USA), INC

  22UT-54 Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC 22UT-54 Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC 22UT-54 Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC 22UT-54 Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical data sheet
22UT-54
www.belimo.com
22UT-54 • en-us • 2019-08-20 • Subject to change
1 / 4
Outside Temperature Sensor
Active sensor (4...20 mA) for measuring
temperature in outdoor areas. Typical
applications at cold stores, greenhouses,
production plants and warehouses. NEMA
4X / IP65 rated enclosure.
Type Overview
Type
Output signal
active temperature
Additional
features
22UT-54
4...20 mA
External sensor
Technical Data
Electrical Data
Power supply DC
15...24 V, ±10%, 0.5 W
Electrical connection
Removable spring loaded terminal block max.
2.5 mm²
Cable entry
Cable gland with strain relief Ø6...8 mm (1/2"
NPT conduit adapter included)
Functional Data
Multirange
8 measuring ranges selectable
Output signal active note
current output: max. 500 Ω load
Application
air
Measuring Data
Measuring values
temperature
Measuring range temperature
Active sensor: range selectable
Attention: max. measuring temperature is
restricted by max. fluid temperature (see
Safety data)
Setting
range [°C]
range [°F]
Factory
setting
S0
-50...50°C
-30...130°F
S1
-10...120°C
0...250°F
S2
0...50°C
40...140°F
S3
0...250°C
30...480°F
S4
-15...35°C
0...100°F
S5
0...100°C
40...240°F
S6
-20...80°C
40...90°F
S7
0...160°C
0...150°F
Accuracy temperature active
±0.9°F @ 70°F [±0.5°C @ 21°C]
Materials
Cable gland
PA6, black
Mounting plate
Lexan, gray RAL7001
Housing
cover: lexan, gray
base: lexan, gray
seal: 0467 NBR70, black
UV resistant


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn