Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

22UT-54 Datasheet(PDF) 4 Page - BELIMO AIRCONTROLS (USA), INC

Part No. 22UT-54
Description  Outside Temperature Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

22UT-54 Datasheet(HTML) 4 Page - BELIMO AIRCONTROLS (USA), INC

  22UT-54 Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC 22UT-54 Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC 22UT-54 Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC 22UT-54 Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Technical data sheet
22UT-54
www.belimo.com
22UT-54 • en-us • 2019-08-20 • Subject to change
4 / 4
Dimensions
Dimensions
        . 
Type
Probe length
Weight
22UT-54
1" [25 mm]
0.29 lb [0.13 kg]


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn