Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V048K160M015 Datasheet(PDF) 13 Page - Vicor Corporation

Part # V048K160M015
Description  VI Chip - VTM Voltage Transformation Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048K160M015 Datasheet(HTML) 13 Page - Vicor Corporation

Back Button V048K160M015 Datasheet HTML 7Page - Vicor Corporation V048K160M015 Datasheet HTML 8Page - Vicor Corporation V048K160M015 Datasheet HTML 9Page - Vicor Corporation V048K160M015 Datasheet HTML 10Page - Vicor Corporation V048K160M015 Datasheet HTML 11Page - Vicor Corporation V048K160M015 Datasheet HTML 12Page - Vicor Corporation V048K160M015 Datasheet HTML 13Page - Vicor Corporation V048K160M015 Datasheet HTML 14Page - Vicor Corporation V048K160M015 Datasheet HTML 15Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
vicorpower.com
800-735-6200
V•I Chip Voltage Transformation Module
V048K160T015
Rev. 1.0
Page 13 of 15
PRELIMINARY
Application Note (continued)
V•I Chip soldering recommendations
V•I Chip modules are intended for reflow soldering processes. The
following information defines the processing conditions required for
successful attachment of a V•I Chip to a PCB. Failure to follow the
recommendations provided can result in aesthetic or functional failure
of the module.
Storage
V•I Chip modules are currently rated at MSL 5. Exposure to ambient
conditions for more than 72 hours requires a 24 hour bake at 125ºC to
remove moisture from the package.
Solder paste stencil design
Solder paste is recommended for a number of reasons, including
overcoming minor solder sphere co-planarity issues as well as simpler
integration into overall SMD process.
63/37 SnPb, either no-clean or water-washable, solder paste should be
used. Pb-free development is underway.
The recommended stencil thickness is 6 mils. The apertures should be
20 mils in diameter for the Inboard (BGA) application and 0.9-0.9:1 for
the Onboard (J-Leaded).
Pick and place
Inboard (BGA) modules should be placed as accurately as possible
to minimize any skewing of the solder joint; a maximum offset of
10 mils is allowable. Onboard (J-Leaded) modules should be placed
within ±5 mils.
To maintain placement position, the modules should not be subjected
to acceleration greater than 500 in/sec2 prior to reflow.
Reflow
There are two temperatures critical to the reflow process; the solder
joint temperature and the module’s case temperature. The solder joint’s
temperature should reach at least 220ºC, with a time above liquidus
(183ºC) of ~30 seconds.
The module’s case temperature must not exceed 208 ºC at anytime
during reflow.
Because of the ∆T needed between the pin and the case, a forced-air
convection oven is preferred for reflow soldering. This reflow method
generally transfers heat from the PCB to the solder joint. The module’s
large mass also reduces its temperature rise. Care should be taken to
prevent smaller devices from excessive temperatures. Reflow of
modules onto a PCB using Air-Vac-type equipment is not recommended
due to the high temperature the module will experience.
Inspection
For the BGA-version, a visual examination of the post-reflow solder
joints should show relatively columnar solder joints with no bridges. An
inspection using x-ray equipment can be done, but the module’s
materials may make imaging difficult.
The J-Lead versions solder joints should conform to IPC 12.2
•Properly wetted fillet must be evident.
• Heel fillet height must exceed lead thickness plus solder thickness.
Removal and rework
V•I Chip modules can be removed from PCBs using special tools such
as those made by Air-Vac. These tools heat a very localized region of
the board with a hot gas while applying a tensile force to the
component (using vacuum). Prior to component heating and removal,
the entire board should be heated to 80-100ºC to decrease the
component heating time as well as local PCB warping. If there are
adjacent moisture-sensitive components, a 125ºC bake should be used
prior to component removal to prevent popcorning. V•I Chip modules
should not be expected to survive a removal operation.
Case Temperature, 208ºC
Joint Temperature, 220ºC
239
165
91
16
degC
183
Soldering Time
Figure 24—Thermal profile diagram
Figure 25— Properly reflowed V•I Chip J-Lead


Similar Part No. - V048K160M015

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048K160T019 VICOR-V048K160T019 Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
More results

Similar Description - V048K160M015

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F040T050 VICOR-V048F040T050 Datasheet
343Kb / 13P
   VI Chip - VTM Voltage Transformation Module
V048K015T80 VICOR-V048K015T80 Datasheet
630Kb / 20P
   VI Chip - VTM Voltage Transformation Module
V048K015T090 VICOR-V048K015T090 Datasheet
497Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K096T025 VICOR-V048K096T025 Datasheet
485Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K480T006 VICOR-V048K480T006 Datasheet
481Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K030T070 VICOR-V048K030T070 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K020T080 VICOR-V048K020T080 Datasheet
438Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K060T040 VICOR-V048K060T040 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K015T100 VICOR-V048K015T100 Datasheet
447Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K120T025 VICOR-V048K120T025 Datasheet
477Kb / 15P
   V, I ChipTM-VTM Voltage Transformation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com