Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V048K160T015 Datasheet(PDF) 2 Page - Vicor Corporation

Part No. V048K160T015
Description  VI Chip - VTM Voltage Transformation Module
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VICOR [Vicor Corporation]
Homepage  http://www.vicorpower.com
Logo 

V048K160T015 Datasheet(HTML) 2 Page - Vicor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
vicorpower.com
800-735-6200
V•I Chip Voltage Transformation Module
V048K160T015
Rev. 1.0
Page 2 of 15
V•I Chip Voltage Transformation Module
PRELIMINARY
Electrical Specifications
Parameter
Min
Typ
Max
Unit
Note
Input voltage range
26
48
55
Vdc
Operable down to zero V with VC voltage applied
Input dV/dt
1
V/µs
Input overvoltage turn-on
55.0
Vdc
Input overvoltage turn-off
59.5
Vdc
Input current
5.4
Adc
Input reflected ripple current
138
mA p-p
Using test circuit in Figure 16; See Figure 1
No load power dissipation
3.1
4.3
W
Internal input capacitance
4.0
µF
Internal input inductance
20
nH
Input Specs (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)
Parameter
Min
Typ
Max
Unit
Note
Output voltage
8.67
18.3
Vdc
No load
8.15
17.9
Vdc
Full load
Rated DC current
0
15.0
Adc
26 - 55 VIN
Peak repetitive current
22.5
A
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
Short circuit protection set point
15.3
18.2
21.8
Adc
Module will shut down
Current share accuracy
5
10
%
See Parallel Operation on Page 10
Efficiency
Half load
95.5
96.0
%
See Figure 3
Full load
95.0
95.7
%
See Figure 3
Internal output inductance
1.6
nH
Internal output capacitance
25.4
µF
Effective value
Output overvoltage setpoint
18.3
Vdc
Module will shut down
Output ripple voltage
No external bypass
153
220
mV
See Figures 2 and 5
10 µF bypass capacitor
13.4
mV
See Figure 6
Effective switching frequency
3.3
3.6
3.7
MHz
Fixed, 1.8 MHz per phase
Line regulation
K
0.3300
1/3
0.3367
VOUT = K•VIN at no load
Load regulation
ROUT
29.7
35.0
mΩ
See Figure 19
Transient response
Voltage overshoot
245
mV
15.0 A load step with 100 µF CIN; See Figures 7 and 8
Response time
200
ns
See Figures 7 and 8
Recovery time
1
µs
See Figures 7 and 8
Output Specs (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn