Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V048K096T025 Datasheet(PDF) 3 Page - Vicor Corporation

Part No. V048K096T025
Description  VI Chip - VTM Voltage Transformation Module
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VICOR [Vicor Corporation]
Homepage  http://www.vicorpower.com
Logo 

V048K096T025 Datasheet(HTML) 3 Page - Vicor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
vicorpower.com
800-735-6200
V•I Chip Voltage Transformation Module
V048K096T025
Rev. 1.0
Page 3 of 15
PRELIMINARY
Figure 1— Input reflected ripple current at full load and 48 Vf.
Efficiency vs. Output Current
87
88
89
90
91
92
93
94
95
96
97
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Output Current (A)
Figure 3— Efficiency vs. output current at 48 Vf.
Power Dissipation
0
1
2
3
4
5
6
7
8
9
10
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Output Current (A)
Figure 4—Power dissipation as a function of output current at 48 Vf.
Waveforms
Figure 6—Output voltage ripple at full load and 9.6 Vout with 10 µF
ceramic external bypass capacitance and 20 nH distribution inductance.
Figure 5— Output voltage ripple at full load and 9.6 Vout; without any
external bypass capacitor.
Ripple vs. Output Current
0
20
40
60
80
100
120
140
160
180
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Output Current (A)
Figure 2— Output voltage ripple vs. output current at 9.6 Vout with no
POL bypass capacitance.
Electrical Specifications (continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn