Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V048K015T090 Datasheet(PDF) 3 Page - Vicor Corporation

Part No. V048K015T090
Description  VI Chip - VTM Voltage Transformation Module
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VICOR [Vicor Corporation]
Homepage  http://www.vicorpower.com
Logo 

V048K015T090 Datasheet(HTML) 3 Page - Vicor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Vicor Corporation
Tel: 800-735-6200
V•I Chip Voltage Transformation Module
V048K015T090
Rev. 1.0
Page 3 of 16
vicorpower.com
Specifications
Figure 1— Input reflected ripple current at full load and 48 Vin
Output Current (A)
Efficiency vs. Output Current
75
77
79
81
83
85
87
89
91
93
95
010
20
30405060708090
1.6V
1.5V
1.2V
1.0V
0.8V
Figure 3— Efficiency vs. output current and output voltage
Output Current (A)
Power Dissipation vs. Output Current
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
010
20
30
40
50
60
70
80
90
0.8V
1.0V
1.2V
1.5V
Figure 4—Power dissipation as a function of output current and
output voltage
WAVEFORMS
Figure 6—Output voltage ripple at full load and 1.5 Vout with
200 µF ceramic external bypass capacitance and 20 nH
distribution inductance.
Figure 5— Output voltage ripple at full load and 1.5 Vout;
without any external bypass capacitor.
Output Ripple vs Load
0
5
10
15
20
25
30
35
40
45
50
55
60
65
010
20
30
40
5060
708090
Output Current (A)
Figure 2— Output voltage ripple vs. output current at 1.5 Vout
with no POL bypass capacitance.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn