Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSB1218A-RT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MSB1218A-RT1
Description  PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSB1218A-RT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MSB1218A-RT1 Datasheet HTML 1Page - ON Semiconductor MSB1218A-RT1 Datasheet HTML 2Page - ON Semiconductor MSB1218A-RT1 Datasheet HTML 3Page - ON Semiconductor MSB1218A-RT1 Datasheet HTML 4Page - ON Semiconductor MSB1218A-RT1 Datasheet HTML 5Page - ON Semiconductor MSB1218A-RT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PNP Silicon General Purpose
Amplifier Transistor
This PNP Silicon Epitaxial Planar Transistor is designed for general purpose
amplifier applications. This device is housed in the SC–70/SOT–323 package
which is designed for low power surface mount applications.
• High hFE, 210–460
• Low VCE(sat), < 0.5 V
• Available in 8 mm, 7–inch/3000 Unit Tape and Reel
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector–Base Voltage
V(BR)CBO
45
Vdc
Collector–Emitter Voltage
V(BR)CEO
45
Vdc
Emitter–Base Voltage
V(BR)EBO
7.0
Vdc
Collector Current — Continuous
IC
100
mAdc
Collector Current — Peak
IC(P)
200
mAdc
DEVICE MARKING
MSB1218A–RT1 = BR
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation(1)
PD
150
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
– 55 ~ + 150
°C
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Max
Unit
Collector–Emitter Breakdown Voltage (IC = 2.0 mAdc, IB = 0)
V(BR)CEO
45
Vdc
Collector–Base Breakdown Voltage (IC = 10 µAdc, IE = 0)
V(BR)CBO
45
Vdc
Emitter–Base Breakdown Voltage (IE = 10 µAdc, IE = 0)
V(BR)EBO
7.0
Vdc
Collector–Base Cutoff Current (VCB = 20 Vdc, IE = 0)
ICBO
0.1
µA
Collector–Emitter Cutoff Current (VCE = 10 Vdc, IB = 0)
ICEO
100
µA
DC Current Gain(2) (VCE = 10 Vdc, IC = 2.0 mAdc)
hFE1
210
340
Collector–Emitter Saturation Voltage(2) (IC = 100 mAdc, IB = 10 mAdc)
VCE(sat)
0.5
Vdc
1. Device mounted on a FR–4 glass epoxy printed circuit board using the minimum recommended footprint.
2. Pulse Test: Pulse Width
≤ 300 µs, D.C. ≤ 2%.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MSB1218A–RT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MSB1218A-RT1
PNP GENERAL
PURPOSE AMPLIFIER
TRANSISTORS
SURFACE MOUNT
CASE 419–02, STYLE 3
SC–70/SOT–323
Motorola Preferred Devices
1
2
3
COLLECTOR
3
1
BASE
2
EMITTER
© Motorola, Inc. 1997
REV 2


Similar Part No. - MSB1218A-RT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSB1218A-RT1 MOTOROLA-MSB1218A-RT1 Datasheet
156Kb / 6P
   PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
ON Semiconductor
MSB1218A-RT1G ONSEMI-MSB1218A-RT1G Datasheet
123Kb / 4P
   PNP Silicon General Purpose Amplifier Transistor
October, 2010 -- Rev. 7
More results

Similar Description - MSB1218A-RT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSB710QT1 MOTOROLA-MSB710QT1 Datasheet
125Kb / 6P
   PNP General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
2SA1774 ONSEMI-2SA1774 Datasheet
96Kb / 6P
   PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
1996 REV 1
logo
Motorola, Inc
MSB1218ART1 MOTOROLA-MSB1218ART1 Datasheet
156Kb / 6P
   PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
ON Semiconductor
MMBT3904WT1 ONSEMI-MMBT3904WT1 Datasheet
296Kb / 12P
   GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
MMBT1010LT1 ONSEMI-MMBT1010LT1 Datasheet
84Kb / 4P
   PNP GENERAL PURPOSE DRIVER TRANSISTORS SURFACE MOUNT
REV 2
logo
Motorola, Inc
MMBT1010LT1 MOTOROLA-MMBT1010LT1 Datasheet
112Kb / 4P
   PNP GENERAL PURPOSE DRIVER TRANSISTORS SURFACE MOUNT
logo
ON Semiconductor
MSB709-RT1 ONSEMI-MSB709-RT1 Datasheet
111Kb / 4P
   PNP General Purpose Amplifier Transistor Surface Mount
REV 3
logo
E-Tech Electronics LTD
MSB709 ETL-MSB709 Datasheet
78Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSB710-RT1G ONSEMI-MSB710-RT1G Datasheet
38Kb / 2P
   PNP General Purpose Amplifier Transistor Surface Mount
January, 2006 ??Rev. 4
logo
Leshan Radio Company
MSB709-RT1 LRC-MSB709-RT1 Datasheet
40Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com