Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRVS6QHCR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PRVS6QHCR
Description  Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRVS6QHCR Datasheet(HTML) 1 Page - Vishay Siliconix

  PRVS6QHCR Datasheet HTML 1Page - Vishay Siliconix PRVS6QHCR Datasheet HTML 2Page - Vishay Siliconix PRVS6QHCR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
93
PRV6, PARV6
Vishay Sfernice
Document Number: 51035
Revision 15-Apr-02
For technical questions, contact sfer@vishay.com
FEATURES
• PRV6 1.5 Watt at 70°C
• PARV6 0.75 Watt at 70°C
• CECC 41300
• Military performances
• Low cost
• Fully sealed and panel sealed
• Compatible RV6 (MIL R 94)
• High power rating (cermet)
• High stability
• Mechanical life 50,000 cycles
Fully Sealed Potentiometers Cermet (PRV6)
Conductive Plastic (PARV6)
PRV cermet PRV6
PARV conductive plastic PARV6
Shafts and bushings : 6 - 61 - 62
6LC - 61LC - 62LC
Shaft Dia 4 mm : 6Q - 61Q - 61QH
6QLC - 61QLC - 61QLCH
Solder lugs
PCB pins
W option
CIRCUIT DIAGRAM
Terminal options available
on all types
DIMENSIONS in millimeters [inches]
See ordering information for quotation
TAPERS
Tapers A - L - F - are measured between the wiper (2)
and the ccw terminal (1).
Locking shaft H option :
61H - 62H
61LCH - 62LCH
Conic nut
wrench 8 (3/16”)
B
Ø 7.2
Ø 2.6
Ø D = M7 x 0.75
Ø d = 4
5
C
L
B
0.8
Panel cutout
Ø 6.35 (1.4”)
32 Threads/inch
Ø 3.17 (1/8”)
Ø 6.5
(0.256”)
Ø 2.5
(0.098”)
12.4
(0.490
”)
A
5
(0.200”)
CL
B
0.8
(0.031”)
0.8 x 0.3
(0.031” x 0.12”)
Ø 12.7 (1/2”)
5.08
(0.200”)
1
2
3
0.8 (0.031”)
1.6 x 0.3
(0.063 x 0.012”)
Ø 12.7 (1/2”)
5.08
(0.200”)
1
2
3
a
c
(1)
(3)
(2)
b
CW
VARIATION LAWS
90%
50%
20%
10%
15°
15°
Electrical travel 270°
Mechanical travel 300°
Vs
Ve
%
25°
50°
75°
F
A
L


Similar Part No. - PRVS6QHCR

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
PRV240 FLUKE-PRV240 Datasheet
1Mb / 1P
   Proving Unit
logo
Vishay Siliconix
PRV4 VISHAY-PRV4 Datasheet
140Kb / 4P
   Industrial Potentiometer
Revision: 21-Sep-06
PRV4 VISHAY-PRV4 Datasheet
94Kb / 5P
   Industrial Potentiometer
01-Jan-2022
PRV4F0APD102KACV1M VISHAY-PRV4F0APD102KACV1M Datasheet
94Kb / 5P
   Industrial Potentiometer
01-Jan-2022
PRV4F0APD102KFCV1M VISHAY-PRV4F0APD102KFCV1M Datasheet
94Kb / 5P
   Industrial Potentiometer
01-Jan-2022
More results

Similar Description - PRVS6QHCR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PRV6 VISHAY-PRV6_06 Datasheet
137Kb / 4P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision: 29-Jun-06
PRV6 VISHAY-PRV6_V01 Datasheet
205Kb / 7P
   Fully Sealed Potentiometer Cermet or Conductive Plastic
01-Jan-2022
PRV6 VISHAY-PRV6_17 Datasheet
216Kb / 6P
   Fully Sealed Potentiometer Cermet or Conductive Plastic
Revision: 04-Jul-17
P13SM VISHAY-P13SM Datasheet
175Kb / 6P
   Fully Sealed Container Cermet Potentiometers Submarine Applications
Revision: 10-Dec-15
P13SM VISHAY-P13SM_V01 Datasheet
122Kb / 6P
   Fully Sealed Container Cermet Potentiometers Submarine Applications
01-Jan-2022
P10 VISHAY-P10 Datasheet
115Kb / 4P
   3/8" Square Potentiometers Cermet Fully Sealed
Revision: 02-Jul-07
P12 VISHAY-P12 Datasheet
140Kb / 5P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision: 06-Jul-06
248 VISHAY-248 Datasheet
97Kb / 3P
   1/2 (12.7 mm) Conductive Plastic & Cermet Potentiometers
Revision: 02-Jul-07
PE30 VISHAY-PE30 Datasheet
158Kb / 3P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision 19-Jul-02
P13 VISHAY-P13 Datasheet
117Kb / 5P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision: 06-Jul-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com