Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V48B5C200B Datasheet(PDF) 2 Page - Vicor Corporation

Part # V48B5C200B
Description  48Vin / 5Vout / 200Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48B5C200B Datasheet(HTML) 2 Page - Vicor Corporation

  V48B5C200B Datasheet HTML 1Page - Vicor Corporation V48B5C200B Datasheet HTML 2Page - Vicor Corporation V48B5C200B Datasheet HTML 3Page - Vicor Corporation V48B5C200B Datasheet HTML 4Page - Vicor Corporation V48B5C200B Datasheet HTML 5Page - Vicor Corporation V48B5C200B Datasheet HTML 6Page - Vicor Corporation V48B5C200B Datasheet HTML 7Page - Vicor Corporation V48B5C200B Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V48B5C200B DC-DC Converter
Rev. 2
Page 2 of 8
Set your site on VICOR at www.vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
36
48
75
Vdc
Input surge withstand
100
Vdc
<100ms
Output voltage setpoint
4.95
5
5.05
Vdc
Nominal input; full load; 25°C
Output OVP setpoint
6.03
6.25
6.47
Vdc
25°C; recycle input voltage to restart ( 1 minute off )
Output power
200
Watts
At 100°C baseplate temperature
Efficiency
84
85
%
Nominal input; 75% of full load; 25°C
Parameter
Min
Typ
Max
Unit
Notes
Line regulation
±0.02
±0.2
%
Low line to high line; full load
Load regulation
±0.06
±0.2
%
No load to full load; nominal input
Temperature regulation
±0.002
±0.005
% / °C
Over operating temperature range
Ripple and noise, p-p
73
92
mV
Nominal input; full load; 20 MHz bandwidth
Current limit
40.8
46
52
Amps
Output voltage 95% of nominal
Short circuit current
4
46
56
Amps
Output voltage <250mV
Power sharing accuracy
±2
±5
%
10 to 100% of full load
Programming range
10
110
%
Of nominal output voltage. For trimming below 90%
of nominal, a minimum load of 10% of maximum
rated power may be required.
Parameter
Min
Typ
Max
Unit
Notes
Undervoltage turn-on
34.9
35.7
Vdc
Undervoltage turn-off
29.4
30.5
Vdc
Overvoltage turn-off/on
75.7
78.8
82.5
Vdc
Dissipation, standby
4
6
Watts
No load
MODULE OPERATING SPECIFICATIONS
MODULE INPUT SPECIFICATIONS
MODULE OUTPUT SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Baseplate
Slotted (Style 1)
Slotted baseplate (style 1) requires no designator.
For threaded baseplate add a "2" to the end of the
part number. For thru-hole add a "3".
Pin style
Short (Style 1)
For long pin configuration add “L” to the end of the
part number. See page 7 for pin dimensions.
MODULE MECHANICAL SPECIFICATIONS
Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading,
contact Vicor applications engineering at 800-927-9474.


Similar Part No. - V48B5C200B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48B5c200Bl VICOR-V48B5c200Bl Datasheet
766Kb / 11P
   Distributed power, medical, ATE, communications, defense, aerospace.
More results

Similar Description - V48B5C200B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375B5C200B VICOR-V375B5C200B Datasheet
145Kb / 8P
   375Vin / 5Vout / 200Watts DC-DC Converter Module
V48C5C100B VICOR-V48C5C100B Datasheet
173Kb / 8P
   48Vin / 5Vout / 100Watts DC-DC Converter Module
V300B5C200B VICOR-V300B5C200B Datasheet
145Kb / 8P
   300Vin / 5Vout / 200Watts DC-DC Converter Module
V24B5C200B VICOR-V24B5C200B Datasheet
145Kb / 8P
   24Vin / 5Vout / 200Watts DC-DC Converter Module
V375B5C200A VICOR-V375B5C200A Datasheet
183Kb / 8P
   375Vin / 5Vout / 200Watts DC-DC Converter Module
V48C5C75B VICOR-V48C5C75B Datasheet
173Kb / 8P
   48Vin / 5Vout / 75Watts DC-DC Converter Module
V48A5C400B VICOR-V48A5C400B Datasheet
190Kb / 8P
   48Vin / 5Vout / 400Watts DC-DC Converter Module
V48C5C50B VICOR-V48C5C50B Datasheet
173Kb / 8P
   48Vin / 5Vout / 50Watts DC-DC Converter Module
V24B12C200B VICOR-V24B12C200B Datasheet
146Kb / 8P
   24Vin / 12Vout / 200Watts DC-DC Converter Module
V375A5C400B VICOR-V375A5C400B Datasheet
150Kb / 8P
   375Vin / 5Vout / 400Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com