Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5331 Datasheet(PDF) 30 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 30 Page - ON Semiconductor

Back Button NCP5331 Datasheet HTML 26Page - ON Semiconductor NCP5331 Datasheet HTML 27Page - ON Semiconductor NCP5331 Datasheet HTML 28Page - ON Semiconductor NCP5331 Datasheet HTML 29Page - ON Semiconductor NCP5331 Datasheet HTML 30Page - ON Semiconductor NCP5331 Datasheet HTML 31Page - ON Semiconductor NCP5331 Datasheet HTML 32Page - ON Semiconductor NCP5331 Datasheet HTML 33Page - ON Semiconductor NCP5331 Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
NCP5331
http://onsemi.com
30
NOTE:
The value of CA1 is too low and the loop gain/
bandwidth too high. COMP moves too quickly, which is
evident from the small spike in its voltage when the
load is applied or removed. The output voltage
transitions more slowly because of the COMP spike.
Figure 38. COMP Tuning, Bandwidth Too Low
Figure 39. COMP Tuning, Bandwidth Too High
NOTE:
The value of CA1 is too high and the loop gain/
bandwidth too low. COMP slews too slowly which
results in overshoot in VCORE.
Figure 40. COMP Tuning, Bandwidth Optimal
NOTE:
The value of CA1 is optimal. COMP slews quickly
without spiking or ringing. VCORE does not overshoot
and monotonically settles to its final value.
8. Error Amplifier Tuning
After the steady-state (static) AVP has been set and the
current sense network has been optimized the Error
Amplifier must be tuned. Basically, the gain of the Error
Amplifier should be adjusted to provide an acceptable
transient response by increasing or decreasing the Error
Amplifier’s feedback capacitor (CA1 in the Applications
Diagram). The bandwidth of the control loop will vary
directly with the gain of the error amplifier.
If CA1 is too large the loop gain/bandwidth will be low, the
COMP pin will slew too slowly, and the output voltage will
overshoot as shown in Figure 38. On the other hand, if CA1
is too small the loop gain/bandwidth will be high, the COMP
pin will slew very quickly and overshoot. Integrator “wind
up” is the cause of the overshoot. In this case the output
voltage will transition more slowly because COMP spikes
upward as shown in Figure 39. Too much loop
gain/bandwidth increase the risk of instability. In general,
one should use the lowest loop gain/bandwidth as possible
to achieve acceptable transient response - this will insure
good stability. If CA1 is optimal the COMP pin will slew
quickly but not overshoot and the output voltage will
monotonically settle as shown in Figure 40.
After the control loop is tuned to provide an acceptable
transient response the steady- state voltage ripple on the COMP
pin should be examined. When the converter is operating at
full, steady-state load, the peak-to-peak voltage ripple on
the COMP pin should be less than 20 mVpp as shown in
Figure 41. Less than 10 mVpp is ideal. Excessive ripple on
the COMP pin will contribute to output voltage jitter.
9. Current Limit Setting
When the output of the current sense amplifier (CO1 or
CO2 in the block diagram) exceeds the voltage on the ILIM
pin the part will enter hiccup mode. For inductive sensing,
the ILIM pin voltage should be set based on the inductor’s
maximum resistance (RLMAX). The design must consider
NOTE:
At full load the peak-to-peak voltage ripple on the
COMP pin should be less than 20 mV for a
well-tuned/stable controller. Higher COMP voltage
ripple will contribute to output voltage jitter.
Figure 41. COMP Ripple for a Stable System


Similar Part No. - NCP5331

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5331FTR2 ONSEMI-NCP5331FTR2 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331FTR2G ONSEMI-NCP5331FTR2G Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
More results

Similar Description - NCP5331

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 RENESAS-ISL6563 Datasheet
931Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 RENESAS-ISL8101 Datasheet
904Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com