Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5322A Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5322A
Description  TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5322A Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5322A Datasheet HTML 5Page - ON Semiconductor NCP5322A Datasheet HTML 6Page - ON Semiconductor NCP5322A Datasheet HTML 7Page - ON Semiconductor NCP5322A Datasheet HTML 8Page - ON Semiconductor NCP5322A Datasheet HTML 9Page - ON Semiconductor NCP5322A Datasheet HTML 10Page - ON Semiconductor NCP5322A Datasheet HTML 11Page - ON Semiconductor NCP5322A Datasheet HTML 12Page - ON Semiconductor NCP5322A Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
NCP5322A
http://onsemi.com
9
PACKAGE PIN DESCRIPTION (continued)
PACKAGE PIN #
FUNCTION
PIN SYMBOL
SO–28L
FUNCTION
PIN SYMBOL
13
ILIM
Sets threshold for current limit. Connect to reference through
a resistive divider. This pin’s maximum working voltage is
1.3 Vdc.
14
REF
Reference output. Decouple with 0.1
µF to LGND.
15
VCCH2
Power for GATE(H)2.
16
GATE(H)2
High side driver #2.
17
GND2
Return for #2 drivers.
18
GATE(L)2
Low side driver #2.
19
VCCL2
Power for GATE(L)2.
20
SS
Soft Start capacitor pin. The Soft Start capacitor controls
both Soft Start time and hiccup mode frequency. The COMP
pin is clamped below Soft Start during Start–Up and hiccup
mode.
21
LGND
Return for internal control circuits and IC substrate connection.
22
VCCH1
Power for GATE(H)1. UVLO Sense for High Side Driver sup-
ply connects to this pin.
23
GATE(H)1
High side driver #1.
24
GND1
Return #1 drivers.
25
GATE(L)1
Low side driver #1.
26
VCCL1
Power for GATE(L)1.
27
VCCL
Power for internal control circuits. UVLO Sense for Logic
connects to this pin.
28
ROSC
A resistor from this pin to ground sets operating frequency
and VFB bias current.


Similar Part No. - NCP5322A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5322A ONSEMI-NCP5322A Datasheet
718Kb / 31P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
NCP5322ADW ONSEMI-NCP5322ADW Datasheet
718Kb / 31P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
NCP5322ADWG ONSEMI-NCP5322ADWG Datasheet
718Kb / 31P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
NCP5322ADWR2 ONSEMI-NCP5322ADWR2 Datasheet
718Kb / 31P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
NCP5322ADWR2G ONSEMI-NCP5322ADWR2G Datasheet
718Kb / 31P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
More results

Similar Description - NCP5322A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5332A ONSEMI-NCP5332A Datasheet
328Kb / 30P
   Two-Phase Buck Controller with Integrated Gate Drivers and 5-Bit DAC
August, 2003 ??Rev. 4
CS5322 ONSEMI-CS5322 Datasheet
406Kb / 21P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
July, 2006 ??Rev. 7
NCP5322A ONSEMI-NCP5322A_07 Datasheet
718Kb / 31P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
NCP5383 ONSEMI-NCP5383 Datasheet
15Kb / 1P
   Two Phase Buck Controller with Integrated Gate Drivers and AVP
3/15/2007
CS5302 ONSEMI-CS5302 Datasheet
342Kb / 17P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
July, 2006 ??Rev.7
NCP5378 ONSEMI-NCP5378 Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5378MNR2G ONSEMI-NCP5378MNR2G Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5383 ONSEMI-NCP5383_1 Datasheet
399Kb / 15P
   2 Phase Buck Controller with Integrated Gate Drivers and AVP
December, 2007 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com