Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42S16128 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS42S16128
Description  128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16128 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS42S16128 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S16128 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S16128 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16128 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16128 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16128 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16128 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16128 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16128 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
IS42S16128
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. A
03/13/00
DC ELECTRICAL CHARACTERISTICS
(Recommended Operation Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed
Min.
Max.
Unit
IIL
Input Leakage Current
0V
≤ VIN ≤ VCC, with pins other than
–10
10
µA
the tested pin at 0V
IOL
Output Leakage Current
Output is disabled
–10
10
µA
0V
≤ VOUT ≤ VCC
VOH
Output High Voltage Level
IOUT = –2 mA
2.4
V
VOL
Output Low Voltage Level
IOUT = +2 mA
0.4
V
ICC1
Operating Current(1,2)
One Bank Operation, Burst Length=1
100
mA
tRC
≥ tRC (min.), IOUT = 0mA
ICC2P
Precharge Standby Current
CKE
≤ VIL (MAX)tCK = tCK (MIN)
——
3mA
ICC2PS
(In Power-Down Mode)
tCK = ×—
2mA
ICC2N
Precharge Standby Current
CKE
≥ VIH (MIN)tCK = tCK (MIN)
——
30
mA
ICC2NS
(In Non Power-Down Mode)
tCK = ×—
15
mA
ICC3P
Active Standby Current
CKE
≤ VIL (MAX)tCK = tCK (MIN)
——
3mA
ICC3PS
(In Power-Down Mode)
tCK = ×—
2mA
ICC3N
Active Standby Current
CKE
≥ VIH (MIN)tCK = tCK (MIN)
——
30
mA
ICC3NS
(In Non Power-Down Mode)
tCK = ×—
15
mA
ICC4
Operating Current
tCK = tCK (MIN)
CAS latency = 3
-8
160
mA
(In Burst Mode)(1)
IOUT = 0mA
-10
160
mA
-12
120
mA
CAS latency = 2
-8
120
mA
-10
120
mA
-12
110
mA
ICC5
Auto-Refresh Current
tRC = tRC (MIN)-8
100
mA
-10
100
mA
-12
80
mA
ICC6
Self-Refresh Current
CKE
≤ 0.2V
——
2mA
Notes:
1. These are the values at the minimum cycle time. Since the currents are transient, these values decrease as the cycle time increases.
Also note that a bypass capacitor of at least 0.01 µF should be inserted between Vcc and GND for each memory chip to suppress
power supply voltage noise (voltage drops) due to these transient currents.
2. Icc1 and Icc4 depend on the output load. The maximum values for Icc1 and Icc4 are obtained with the output open state.


Similar Part No. - IS42S16128

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-10T ISSI-IS42S16100-10T Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-10TI ISSI-IS42S16100-10TI Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-5BL ISSI-IS42S16100-5BL Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16128

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100A1 ISSI-IS42S16100A1 Datasheet
754Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100_08 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1 ISSI-IS45S16100C1 Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1 Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IS42S8800 ICSI-IS42S8800 Datasheet
1Mb / 68P
   2(1)M words x 8(16) bits x 4 banks (64-mbit) synchronous dynamic ram
logo
Integrated Silicon Solu...
IS42S32800B ISSI-IS42S32800B Datasheet
927Kb / 62P
   2M Words x 32 Bits x 4 Banks (256-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32160A ISSI-IS42S32160A Datasheet
1Mb / 60P
   4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com