Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDH34N40 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDH34N40
Description  34A, 400V, 0.115 Ohm, N-Channel SMPS Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDH34N40 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDH34N40 Datasheet HTML 1Page - Fairchild Semiconductor FDH34N40 Datasheet HTML 2Page - Fairchild Semiconductor FDH34N40 Datasheet HTML 3Page - Fairchild Semiconductor FDH34N40 Datasheet HTML 4Page - Fairchild Semiconductor FDH34N40 Datasheet HTML 5Page - Fairchild Semiconductor FDH34N40 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
August 2002
FDH34N40 Rev. A,
FDH34N40
34A, 400V, 0.115 Ohm, N-Channel SMPS Power MOSFET
Applications
Switch Mode Power Supplies(SMPS), such as
• PFC Boost
• Two-Switch Forward Converter
• Single Switch Forward Converter
• Flyback Converter
• Buck Converter
• High Speed Switching
Features
• Low
Gate
Charge
Qg results in Simple Drive
Requirement
• Improved Gate, Avalanche and High Reapplied dv/dt
Ruggedness
• Reduced rDS(ON)
• Reduced Miller Capacitance and Low Input Capacitance
• Improved Switching Speed with Low EMI
• 175°C Rated Junction Temperature
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
400
V
VGS
Gate to Source Voltage
±30
V
ID
Drain Current
34
A
Continuous (TC = 25
oC, V
GS = 10V)
Continuous (TC = 100
oC, V
GS = 10V)
24
A
Pulsed (Note 1)
136
A
PD
Power dissipation
Derate above 25oC
469
3.1
W
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
Soldering Temperature for 10 seconds
300 (1.6mm from case)
oC
Mounting Torque, 8-32 or M3 Screw
10ibf*in (1.1N*m)
RθJC
Thermal Resistance Junction to Case
0.32
oC/W
RθCS
Thermal Resistance Case to Sink, Flat, Greased Surface
0.24 TYP
oC/W
RθJA
Thermal Resistance Junction to Ambient
40
oC/W
D
G
S
Package
Symbol
DRAIN
(FLANGE)
DRAIN
SOURCE
GATE
JEDEC TO-247


Similar Part No. - FDH34N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDH34N40 ISC-FDH34N40 Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDH34N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP20N40 FAIRCHILD-FDP20N40 Datasheet
188Kb / 6P
   20A, 400V, 0.216 Ohm, N-Channel SMPS Power MOSFET
logo
MagnaChip Semiconductor...
MMQ60R115P MGCHIP-MMQ60R115P Datasheet
1Mb / 10P
   600V 0.115(ohm) N-channel MOSFET
MMF60R115P MGCHIP-MMF60R115P Datasheet
1Mb / 10P
   600V 0.115(ohm) N-channel MOSFET
MMFT60R115PC MGCHIP-MMFT60R115PC Datasheet
1Mb / 10P
   600V 0.115(ohm) N-channel MOSFET
MMQ60R115PC MGCHIP-MMQ60R115PC Datasheet
1Mb / 10P
   600V 0.115(ohm) N-channel MOSFET
logo
Intersil Corporation
JANSR2N7294 INTERSIL-JANSR2N7294 Datasheet
48Kb / 7P
   23A, 200V, 0.115 Ohm, Rad Hard, N-Channel Power MOSFET
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
   2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com