Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1338G-133AXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1338G-133AXI
Description  4-Mbit (128K x 32) Flow-Through Sync SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1338G-133AXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1338G-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1338G-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1338G-133AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1338G-133AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1338G-133AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1338G-133AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1338G-133AXI Datasheet HTML 13Page - Cypress Semiconductor CY7C1338G-133AXI Datasheet HTML 14Page - Cypress Semiconductor CY7C1338G-133AXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PRELIMINARY
CY7C1338G
Document #: 38-05521 Rev. *A
Page 11 of 17
Timing Diagrams
Read Cycle Timing[17]
Note:
17. On this diagram, when CE is LOW: CE1 is LOW, CE2 is HIGH and CE3 is LOW. When CE is HIGH: CE1 is HIGH or CE2 is LOW or CE3 is HIGH.
tCYC
t
CL
CLK
tADH
tADS
ADDRESS
t
CH
tAH
tAS
A1
tCEH
tCES
Data Out (Q)
High-Z
tCLZ
tDOH
tCDV
tOEHZ
tCDV
Single READ
BURST
READ
tOEV
tOELZ
tCHZ
Burst wraps around
to its initial state
t
ADVH
t
ADVS
t
WEH
t
WES
tADH
tADS
Q(A2)
Q(A2 + 1)
Q(A2 + 2)
Q(A1)
Q(A2)
Q(A2 + 1)
Q(A2 + 2)
Q(A2 + 3)
A2
ADV suspends burst.
Deselect Cycle
DON’T CARE
UNDEFINED
ADSP
ADSC
GW, BWE,BW
[A:D]
CE
ADV
OE


Similar Part No. - CY7C1338G-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338G-133AXI CYPRESS-CY7C1338G-133AXI Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
More results

Similar Description - CY7C1338G-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_07 Datasheet
767Kb / 20P
   4-Mbit (128K x 36) Flow Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G Datasheet
331Kb / 17P
   4-Mbit (128K x 36) Flow-Through Sync SRAM
CY7C1338F CYPRESS-CY7C1338F Datasheet
405Kb / 17P
   4-Mb (128K x 32) Flow-Through Sync SRAM
CY7C1324H CYPRESS-CY7C1324H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_13 Datasheet
610Kb / 22P
   4-Mbit (128 K x 32) Flow-Through Sync SRAM
CY7C13451G CYPRESS-CY7C13451G Datasheet
746Kb / 23P
   4-Mbit (128K 횞 36) Flow-Through Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G Datasheet
340Kb / 17P
   4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com