Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRN4S104GLA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NRN4S104GLA
Description  SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRN4S104GLA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NRN4S104GLA Datasheet HTML 1Page - List of Unclassifed Manufacturers NRN4S104GLA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
®
NIC COMPONENTS CORPORATION
70 Maxess Rd., Melville, NY 11747
(631)396-7500 FAX (631)396-7575
Resistor Networks
DIMENSIONS (mm)
NRN Series
C
104
G
Circuit Type: C = Bussed/Common, I = Isolated
S = Series, V = Voltage Divider,
Terminator Code = See chart, Ladder Code = See chart
Resistance in ohms first 2 digits are significant, third
is no. of zeros, “R” indicates decimal under 10 ohms
Tolerance Code: G =
±2%, J = ±5%
PART NUMBERING SYSTEM
10
No. of PINS
NRN
Series
STANDARD CIRCUITS
XX
T.C. Option
Part Marking Includes:
1.) Number of PINS.
2.) Circuit Type: "1" or "C" = Common/Bussed
"2" or "I" = Isolated
3.) Resistance Value (in ohms).
4.) Resistance Tolerance:
"G" =
±2%
"J" =
±5%
Fig. 1: BUSSED/COMMON CIRCUIT
Fig. 2: ISOLATED/INDEPENDENT CIRCUIT
Fig. 3: SERIES CIRCUIT
Fig. 4: LADDER CIRCUIT
Fig. 5: VOLTAGE DIVIDER CIRCUIT
Fig. 6: TERMINATION CIRCUIT
L
Max.
1
2
3
4
5
6
7
0.50
±0.1
2.54
±0.1
1.2 max.
3.18 +.640
-.000
5.08 max.
MAX
2.54 max.
0.25
±0.1
¦
¦
¦
¦
¦
¦ ¦ ¦ ¦ ¦
¦
¦
¦
¦
¦
¦ ¦ ¦ ¦ ¦
¦
¦
¦
¦
¦
¦ ¦ ¦ ¦ ¦
¦
¦
¦
¦
¦
¦ ¦ ¦ ¦ ¦
¦
¦
¦
¦
¦
¦ ¦ ¦ ¦ ¦
¦
¦
¦
¦
¦
¦ ¦ ¦ ¦ ¦
No. of PINS
L max
4
10.2
5
12.7
6
15.3
7
17.8
8
20.4
9
22.9
10
25.4
11
28.0
12
30.5
13
33.1
Ladder Code
R/2R
LA
10K/20K
LB
25K/50K
LC
50K/100K
LD
100K/200K
LS
Special
Terminator Code
R1/R2
TA
160/240
TB
180/390
TC
220/270
TD
220/330
TE
330/390
TF
330/470
TG
330/680
TH
1.5K/3.3K
TI
3.0K/6.2K
TS
Special
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R
R
R2
R
R2
R
R2
R
R2
R
R2
R
R2
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R1
R2


Similar Part No. - NRN4S104GLA

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
NRN40-L3K-E2-IO-C-V1 PF-NRN40-L3K-E2-IO-C-V1 Datasheet
329Kb / 3P
   Inductive sensor
NRN40-L3K-E2-IO-V1 PF-NRN40-L3K-E2-IO-V1 Datasheet
327Kb / 3P
   Inductive sensor
NRN40-U1-E2-IO-V1 PF-NRN40-U1-E2-IO-V1 Datasheet
347Kb / 3P
   Inductive sensor
NRN40-U1-E2-V1 PF-NRN40-U1-E2-V1 Datasheet
589Kb / 3P
   Inductive sensor
2022-05-30
More results

Similar Description - NRN4S104GLA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
   Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Revision: 07-Aug-08
CS201 VISHAY-CS201 Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
Bi technologies
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
logo
Vishay Siliconix
TAS VISHAY-TAS Datasheet
416Kb / 5P
   Conformal, Single-In-Line Resistor Networks
Revision: 15-Nov-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com