Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPSW45 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MPSW45
Description  One Watt Darlington Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MPSW45 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPSW45 MPSW45A
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
NOISE CHARACTERISTICS
(VCE = 5.0 Vdc, TA = 25°C)
Figure 2. Noise Voltage
f, FREQUENCY (Hz)
50
100
200
500
20
Figure 3. Noise Current
f, FREQUENCY (Hz)
Figure 4. Total Wideband Noise Voltage
RS, SOURCE RESISTANCE (kΩ)
Figure 5. Wideband Noise Figure
RS, SOURCE RESISTANCE (kΩ)
5.0
50
70
100
200
30
10
20
1.0
10
10
20
50 100 200
500
1 k 2 k
5 k 10 k 20 k
50 k 100 k
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
BANDWIDTH = 1.0 Hz
RS ≈ 0
IC = 1.0 mA
100
µA
10
µA
BANDWIDTH = 1.0 Hz
IC = 1.0 mA
100
µA
10
µA
2.0
5.0
10
20
50
100
200
500
100
0
BANDWIDTH = 10 Hz TO 15.7 kHz
IC = 10 µA
100
µA
1.0 mA
8.0
10
12
14
6.0
0
4.0
1.0
2.0
5.0
10
20
50
100
200
500
100
0
2.0
BANDWIDTH = 10 Hz TO 15.7 kHz
10
µA
100
µA
IC = 1.0 mA
10
20
50 100 200
500
1 k 2 k
5 k 10 k 20 k
50 k 100 k


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn