Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G680C Datasheet(PDF) 1 Page - BELIMO AIRCONTROLS (USA), INC

Part No. G680C
Description  Flow characteristic equal percentage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

G680C Datasheet(HTML) 1 Page - BELIMO AIRCONTROLS (USA), INC

  G680C Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC G680C Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC G680C Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC G680C Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
1824
Fluid
chilled or hot water, up to 60% glycol,
steam
Flow characteristic
equal percentage
Controllable flow range
stem up - open A – AB
Valve Size [mm]
3” [80]
Pipe connection
125 lb flanged
Housing
Cast iron - ASTM A126 Class B
Stem
stainless steel
Stem seal
NLP EPDM (no lip packing)
Seat
Stainless steel AISI 316
Valve plug
brass
Body Pressure Rating
ANSI Class 125, up to 175 psi below 150°F
ANSI Class
125
Number of Bolt Holes
4
Maximum Inlet Pressure (Steam) 35 psi [241 kPa]
Max Differential Pressure (Steam) 15 psi [103 kPa]
Rangeability Sv
91:1
Cv
90
Weight
74.97 lb [34 kg]
Fluid Temp Range (water)
32...338°F [0...138°C]
Leakage rate
ANSI Class III
Servicing
repack/rebuild kits available
Flow/Mounting Details
Flow arrow
shown on
rear of valve
Application
This valve is typically used in large air handling units on heating or cooling coils.
This valve is suitable for use in a hydronic system with variable flow. Bronze
or stainless steel trim valves can be used for steam applications, depending on
actuator and close-off combination.
Suitable Actuators
Non-Spring
Spring
Electronic fail-safe
G680C
EVB(X)
AF
AVKB(X)
Dimensions (Inches [mm])
D
B
C
A
F
E
EVB, EVX, RVB, RVX
A
B
C
D
E
F
12.2” [310] 10.0” [254] 24.6” [626] 19.3” [489]
3.9” [100]
Safety Notes
WARNING: This product can expose you to lead which is known to the State
of California to cause cancer and reproductive harm. For more information go
to www.p65warnings.ca.gov
Piping
The valves should be mounted in a weather-protected area in a location that is
within the ambient limits of the actuator. Allow sufficient room for valve with
actuator and for service. The preferred mounting position of the valve is with
the valve stem vertical above the valve body, for maximum life. However, the
assemblies can be mounted with valve stem vertical above the valve or up to
45° in relation to the horizontal pipe. The actuators should never be mounted
underneath the valve, as condensation can build up and result in a failure of
the actuators. Do not reverse flow direction.
G680C Technical Data Sheet
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn