Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BES01EW Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES01EW
Description  Inductive Sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES01EW Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES01EW Datasheet HTML 1Page - Balluff Korea Ltd. BES01EW Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES 516-341-H2-Y-S4
Order Code: BES01EW
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 121986
ETIM 6.0: EC002714
BES01EW_0.24_2020-03-05
2 / 2
Environmental conditions
Ambient temperature
-25...70 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 gn, 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
Protection degree
IP67
Functional safety
MTTF (40 °C)
1620 a
Material
Housing material
Aluminum
Material sensing surface
PA 12
Mechanical data
Dimension
54 x 22 x 48 mm
Installation
for flush mounting
Output/Interface
Switching output
PNP normally closed (NC)
Range/Distance
Assured operating distance Sa
4 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
5 mm
Real switching distance sr
5 mm
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams


Similar Part No. - BES01EW

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES01E4 BALLUFF-BES01E4 Datasheet
101Kb / 2P
   Inductive Sensors
BES01E7 BALLUFF-BES01E7 Datasheet
101Kb / 2P
   Inductive Sensors
BES01EA BALLUFF-BES01EA Datasheet
122Kb / 2P
   Inductive Sensors
2022-08-02
BES01EC BALLUFF-BES01EC Datasheet
108Kb / 2P
   Inductive Sensors
BES01EN BALLUFF-BES01EN Datasheet
114Kb / 2P
   Inductive Sensors
2022-08-02
More results

Similar Description - BES01EW

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES0186 BALLUFF-BES0186 Datasheet
102Kb / 2P
   Inductive Sensors
BES05UA BALLUFF-BES05UA Datasheet
110Kb / 2P
   Inductive Sensors
BES027U BALLUFF-BES027U Datasheet
111Kb / 2P
   Inductive Sensors
BES0170 BALLUFF-BES0170 Datasheet
101Kb / 2P
   Inductive Sensors
BES0179 BALLUFF-BES0179 Datasheet
101Kb / 2P
   Inductive Sensors
BES02J1 BALLUFF-BES02J1 Datasheet
100Kb / 2P
   Inductive Sensors
BES023P BALLUFF-BES023P Datasheet
117Kb / 2P
   Inductive Sensors
BES013C BALLUFF-BES013C Datasheet
116Kb / 2P
   Inductive Sensors
BES040A BALLUFF-BES040A Datasheet
108Kb / 2P
   Inductive Sensors
BES058C BALLUFF-BES058C Datasheet
131Kb / 2P
   Inductive Sensors
BES0257 BALLUFF-BES0257 Datasheet
108Kb / 2P
   Inductive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com