Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T81L0003A Datasheet(PDF) 10 Page - Taiwan Memory Technology

Part # T81L0003A
Description  Reduced I/O 8-bit MCU
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T81L0003A Datasheet(HTML) 10 Page - Taiwan Memory Technology

Back Button T81L0003A Datasheet HTML 6Page - Taiwan Memory Technology T81L0003A Datasheet HTML 7Page - Taiwan Memory Technology T81L0003A Datasheet HTML 8Page - Taiwan Memory Technology T81L0003A Datasheet HTML 9Page - Taiwan Memory Technology T81L0003A Datasheet HTML 10Page - Taiwan Memory Technology T81L0003A Datasheet HTML 11Page - Taiwan Memory Technology T81L0003A Datasheet HTML 12Page - Taiwan Memory Technology T81L0003A Datasheet HTML 13Page - Taiwan Memory Technology T81L0003A Datasheet HTML 14Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TE
CH
tm
T81L0003A
TM Technology, Inc. reserves the right
P. 10
Publication Date: SEP. 2004
to change products or specifications without notice.
Revision: C
Where SM0, SM1 specify the serial port mode, as follows:
SM0 SM1
Mode
Description
Baud Rate
0
0
0
shift register
f OSC / 12
0
1
1
8-bit UART
variable
1
0
2
9-bit UART
UART f OSC /64 or f OSC /32
1
1
3
9-bit UART
variable
Using Timer 1 to Generate Baud Rates
When Timer 1 is used as the baud rate generator, the baud rates in Modes 1 and 3 are determined by the Timer 1 overflow
rate and the value of SMOD as follows:
Mode 1, 3 Baud Rate =2
SMOD/32* (Timer 1 Overflow Rate)
The Timer 1 interrupt should be disabled in this application. The Timer itself can be configured for either “timer” or
“counter” operation, and in any of its 3 running modes. In the most typical applications, it is configured for “timer”
operation, in the auto-reload mode (high nibble of TMOD = 0010B). In that case the baud rate is given by the formula:
Mode 1, 3 Baud Rate =2
SMOD*(Oscillator Frequency)/ 32/12 / [256 _ (TH1)]
One can achieve very low baud rates with Timer 1 by leaving the Timer 1 interrupt enabled, and configuring the Timer to
run as a 16-bit timer (high nibble of TMOD = 0001B), and using the Timer 1 interrupt to do a 16-bit software reload.
Using Timer 2 to Generate Baud Rates
Timer2 is selected as the baudrate generator by setting TCLK and/or RCLK in T2CON register as followed.
T2CON (
address : C8h)
MSB
LSB
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
T2CON.7: TF2 Timer2 overflow flag set by timer2 overflow and must be cleared by software. TF2 will not be set when
either RCLK=1 or TCLK=1.
T2CON.6: EXF2 Timer 2 external flag set when either a capture or reload is caused by a negative transition on T2EX and
EXEN2=1. when timer2 interrupt is enabled, EXF2=1 will cause the CPU to vector to the timer2 interrupt routine. EXF2
must be cleared by software.
T2CON.5: RCLK Receive clock flag. When set, cause the serial port to use timer2 overflow pulses for its receive clock in
mode 1 and 3. RCLK=0 causes timer1 overflow to be used for the receive clock
T2CON.4: TCLK Transmit clock flag. When set, cause the serial port to use timer2 overflow pulses for its transmit clock
in mode 1 and 3. TCLK=0 causes timer1 overflow to be used for the transmit clock
T2CON.3: EXEN2 Timer2 external enable flag. When set, allows a capture or reload to occur as a result of a negative
transition on T2EX if timer2 is not being used to clock the serial port. EXEN2=0 causes timer2 to ignore events at T2EX.
T2CON.2: Start/stop control for timer2. A logic 1 starts the timer


Similar Part No. - T81L0003A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0003B TMT-T81L0003B Datasheet
100Kb / 16P
   8-bit MCU
T81L0003B-AD TMT-T81L0003B-AD Datasheet
100Kb / 16P
   8-bit MCU
T81L0003B-AK TMT-T81L0003B-AK Datasheet
100Kb / 16P
   8-bit MCU
T81L0003B-BD TMT-T81L0003B-BD Datasheet
100Kb / 16P
   8-bit MCU
T81L0003B-BK TMT-T81L0003B-BK Datasheet
100Kb / 16P
   8-bit MCU
More results

Similar Description - T81L0003A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R70A-1 HOLTEK-HT48R70A-1_07 Datasheet
301Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1 Datasheet
307Kb / 41P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1_09 Datasheet
252Kb / 37P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1_09 Datasheet
269Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1_09 Datasheet
280Kb / 39P
   I/O Type 8-Bit MCU
HT82K70E-L HOLTEK-HT82K70E-L_11 Datasheet
397Kb / 59P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1 Datasheet
297Kb / 40P
   I/O Type 8-Bit MCU
HT48R70A-1 HOLTEK-HT48R70A-1 Datasheet
273Kb / 40P
   I/O Type 8-Bit MCU
HT48RU80 HOLTEK-HT48RU80 Datasheet
448Kb / 54P
   I/O Type 8-Bit MCU
HT48R52 HOLTEK-HT48R52 Datasheet
269Kb / 35P
   I/O Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com