Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T66H0001A Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part No. T66H0001A
Description  240 output LCD Segment/Common Driver IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T66H0001A Datasheet(HTML) 3 Page - Taiwan Memory Technology

  T66H0001A Datasheet HTML 1Page - Taiwan Memory Technology T66H0001A Datasheet HTML 2Page - Taiwan Memory Technology T66H0001A Datasheet HTML 3Page - Taiwan Memory Technology T66H0001A Datasheet HTML 4Page - Taiwan Memory Technology T66H0001A Datasheet HTML 5Page - Taiwan Memory Technology T66H0001A Datasheet HTML 6Page - Taiwan Memory Technology T66H0001A Datasheet HTML 7Page - Taiwan Memory Technology T66H0001A Datasheet HTML 8Page - Taiwan Memory Technology T66H0001A Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
TE
CH
tm
T66H0001A
TM Technology Inc. reserves the right
P. 3
Publication Date: JUL. 2002
to change products or specifications without notice.
Revision:A
PIN DESCRIPTION
PIN NO.
SYMBOL
I/O
DESCRIPTION
1 to 240
Y1-Y240
O
LCD drive output
241, 269
V0L, V0R
-
Power supply for LCD drive
242, 268
V12L,V12R
-
Power supply for LCD drive
243, 267
V43L,V43R
-
Power supply for LCD drive
244, 266
V5L,V5R
-
Power supply for LCD drive
245
VDD
-
Power supply for logic system (+2.5V to +5.5V)
246
S/C
I
Segment mode/common mode selection
247, 259
EIO2, EIO1
I/O
Input/output for chip selection at segment mode/
Shift data input/output for shift register at common mode
248 to 254
DI0-DI6
I
Display data input at segment mode
255
DI7
I
Display data input at segment mode/Dual mode data input at
common mode
256
XCK
I
Clock input for taking display data at segment mode
257
/DISPOFF
I
Control input for output of non-select level
258
LP
I
Latch pules input for display data at segment mode
Shift clock input for shift register at common mode
260
FR
I
AC-converting signal input for LCD drive waveform
261
L/R
I
Input for selecting the reading direction of display data at
segment mode/Input for selecting the shift direction of shift
register at common mode
262
MD
I
Mode selection input
263, 264
NC
I
Not Connection
265
VSS
-
Ground(0V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NT7702 240 Output LCD Segment/Common Driver 1  2  3  4  5  More List of Unclassifed Manufacturers
UPD16662 240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM 1  2  3  4  5  More NEC
NT7704 240 Output LCD Segment/Common Driver 1  2  3  4  5  More List of Unclassifed Manufacturers
NJU6623 15-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER with OUTPUT PORT  1  2  3  4  5  More New Japan Radio
LX1744 Dual Output Boost - LED Driver / LCD Bias 1  2  3  4  5  More Microsemi Corporation
LH1530F 120 OUTPUT LCD COMMON DRIVER 1  2  3  4  5  More Sharp Electrionic Components
HM17CM256 128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM 1  2  3  4  5  More Hynix Semiconductor
T66H0002A 160 output LCD Segment/Common Driver IC 1  2  3  4  5  More Taiwan Memory Technology
HV66 32-Channel LCD Driver with Separate Backplane Output 1  2  3  4  5  More Supertex, Inc
LH1560F 160 OUTPUT LCD SEGMENT / COMMON DRIVER 1  2  3  4  5  More Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn