Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T66H0001A Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part No. T66H0001A
Description  240 output LCD Segment/Common Driver IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T66H0001A Datasheet(HTML) 2 Page - Taiwan Memory Technology

  T66H0001A Datasheet HTML 1Page - Taiwan Memory Technology T66H0001A Datasheet HTML 2Page - Taiwan Memory Technology T66H0001A Datasheet HTML 3Page - Taiwan Memory Technology T66H0001A Datasheet HTML 4Page - Taiwan Memory Technology T66H0001A Datasheet HTML 5Page - Taiwan Memory Technology T66H0001A Datasheet HTML 6Page - Taiwan Memory Technology T66H0001A Datasheet HTML 7Page - Taiwan Memory Technology T66H0001A Datasheet HTML 8Page - Taiwan Memory Technology T66H0001A Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TE
CH
tm
T66H0001A
TM Technology Inc. reserves the right
P. 2
Publication Date: JUL. 2002
to change products or specifications without notice.
Revision:A
Common mode:
-
Shift clock frequency: 4 MHz (MAX.)
-
Built-in 240-bit bi-directional shift register (divisible into 120 bits x 2)
- Available in single mode (240-bit shift register) or in dual mode (120-bit shift
register x 2)
a. Y1 # Y240 Single mode
b.Y240 # Y1 Single mode
c. Y1# Y120,
Y121#Y240 Dual mode
d.Y240 #Y121,
Y120 # Y1 Dual mode
The above 4 shift directions are pin selectable
-
Shift register circuits are reset when /DISPOFF low active
Part Number Examples
Part No.
Pkg.
Description
T66H0001A-Y TCP
Pitch 0.21mm, refer to Appendix
T66H0001A
COG Refer to Pads List
PIN CONNECTIONS
269-PIN TCP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NT7702 240 Output LCD Segment/Common Driver 1  2  3  4  5  More List of Unclassifed Manufacturers
UPD16662 240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM 1  2  3  4  5  More NEC
NT7704 240 Output LCD Segment/Common Driver 1  2  3  4  5  More List of Unclassifed Manufacturers
NJU6623 15-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER with OUTPUT PORT  1  2  3  4  5  More New Japan Radio
LX1744 Dual Output Boost - LED Driver / LCD Bias 1  2  3  4  5  More Microsemi Corporation
LH1530F 120 OUTPUT LCD COMMON DRIVER 1  2  3  4  5  More Sharp Electrionic Components
HM17CM256 128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM 1  2  3  4  5  More Hynix Semiconductor
T66H0002A 160 output LCD Segment/Common Driver IC 1  2  3  4  5  More Taiwan Memory Technology
HV66 32-Channel LCD Driver with Separate Backplane Output 1  2  3  4  5  More Supertex, Inc
LH1560F 160 OUTPUT LCD SEGMENT / COMMON DRIVER 1  2  3  4  5  More Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn