Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

T62M0002A Datasheet(PDF) 4 Page - Taiwan Memory Technology

Part No. T62M0002A
Description  Digital Sound Processor Embedded SRAM
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TMT [Taiwan Memory Technology]
Homepage  http://www.tmtech.com.tw
Logo 

T62M0002A Datasheet(HTML) 4 Page - Taiwan Memory Technology

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TE
CH
tm
T62M0002A
TM Technology Inc. reserves the right
P. 4
Publication Date: JUL. 2002
to change products or specifications without notice.
Revision:A
Electrical Characteristics
Ta=25ºC
Test Conditions
Symbol
Parameter
VDD
Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Voltage
-
-
4.5
5.0
5.5
V
ICC
Operating Current
5V
-
-
15
30
mA
GV
Voltage Gain
5V
RL=47K
-
0.5
2.5
dB
VOMAX
Maximum Output Voltage
5V
THD=10%
1.0
1.6
-
Vrms
THD
Total Harmonic Distortion
5V
30KHz L.P.F.
-
0.5
1.5
%
No
Output Noise Voltage
5V
DIN Audio
-
-88
-80
dbV
Absolute Maximum Ratings
Supply Voltage …………………………………………………. -0.3V to 6V
Input Voltage …………………………………………………… Vss-0.3V to VDD+0.3V
Storage Temperature ……………………………………………. -50
ºC to 125ºC
Operating Temperature ……………………………… -20ºC to 70ºC
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute
Maximum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn