Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

T62M0002A Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part No. T62M0002A
Description  Digital Sound Processor Embedded SRAM
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TMT [Taiwan Memory Technology]
Homepage  http://www.tmtech.com.tw
Logo 

T62M0002A Datasheet(HTML) 3 Page - Taiwan Memory Technology

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TE
CH
tm
T62M0002A
TM Technology Inc. reserves the right
P. 3
Publication Date: JUL. 2002
to change products or specifications without notice.
Revision:A
PIN Description
Pin NO. Pin Name
I/O
Description
1
VCC
-
Analog and positive power supply
2
REF
I
Analog reference voltage
3
AGEND
-
Analog ground
4
DGEND
-
Digital ground
5
OSC_O
I
System oscillator output
6
VCO
I
System oscillator input,system frequency adjustable pin
7
CC1
-
Current control1
8
CC2
-
Current control2
9
OP1_OUT
O
OP1 output
10
OP1_IN
I
OP1 input
11
OP2_IN
I
OP2 input
12
OP2_OUT
O
OP2 output
13
LPF2_IN
I
Low pass filter2 input
14
LPF2_OUT
O
Low pass filter2 output
15
LPF1_OUT
O
Low pass filter1 output
16
LPF1_IN
I
Low pass filter1 input
Function Description
The T62M0002A is an echo/surround effect generator with built-in SRAM.
It enaures low
distortion as well as low noise for processing audio signal delay. The chip provides two playing
modes(echo and surround) and the playing function block diagrams are shown as follows.
-
Surround Mode
Vin
LPF1
A/D
Delay
D/A
LPF2
Vout
-Echo Mode
Vout
Vin
LPF1
A/D
Delay
D/A
LPF2


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn