Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD62-682M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPD62-682M
Description  Shielded Surface Mount Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPD62-682M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPD62-682M Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
78
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series SPD62
Shielded Surface Mount Inductors
3.50
2.80
2.50
2.00
1.80
1.40
1.30
1.20
1.10
1.00
0.94
0.82
0.78
0.70
0.68
0.56
0.50
0.41
0.39
0.37
0.35
0.32
0.29
0.22
0.040
0.045
0.060
0.070
0.080
0.12
0.13
0.15
0.19
0.20
0.25
0.28
0.40
0.44
0.51
0.64
0.71
0.81
0.95
1.07
1.67
1.89
2.77
3.30
100
100
100
100
100
100
100
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.2
2.4
3.5
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
Physical Parameters
Inches
Millimeters
A
0.244 ± 0.012
6.2 ± 0.3
B
0.260 ± .012
6.6 ± 0.3
C
0.118 max.
3.0 max.
D
0.181 Ref. only
4.60 Ref. only
E
0.059 ± 0.007
1.5 ± 0.2
F
0.050 ± 0.007
1.27 ± 0.2
G
0.015 Ref. only
0.38 Ref. only
Mechanical Configuration Units designed for
surface mounting; ferrite core and ferrite sleeve
Terminals are Solderable More than 95% new
solder coverage when subjected to soldering
temperature
Operating temperature range –55°C to +125°C
Application Frequency Range
Values 1.2µH to 12µH to 1.0 MHz Min.
Values above 12µH to 300 KHz Min.
Current Rating at 25°C Ambient The maximum DC
current that will cause a 40°C maximum temperature
rise and where the inductance will not decrease by
more than 10% from its zero DC value
Packaging Tape & reel (16mm):
13" reel, 1500 pieces max.; 7" reel not available
SERIES SPD62
SPD62-122M
SPD62-242M
SPD62-352M
SPD62-472M
SPD62-682M
SPD62-103M
SPD62-123M
SPD62-153M
SPD62-183M
SPD62-223M
SPD62-273M
SPD62-333M
SPD62-393M
SPD62-473M
SPD62-563M
SPD62-683M
SPD62-823M
SPD62-104M
SPD62-124M
SPD62-154M
SPD62-184M
SPD62-224M
SPD62-274M
SPD62-334M


Similar Part No. - SPD62-682M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD620 SSDI-SPD620 Datasheet
148Kb / 2P
   6.0 AMPS 50 - 300 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
SPD620 SSDI-SPD620 Datasheet
153Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
SPD623CT SSDI-SPD623CT Datasheet
229Kb / 2P
   40JAMP 300-500VOLTS 35nsec COMMON ANODE& CATHODE HYPERFAST CENTERTAP RECTIFIER
logo
API Delevan
SPD62R API-SPD62R Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
SPD62R-103M API-SPD62R-103M Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
More results

Similar Description - SPD62-682M

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
   Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
S1008 API-S1008 Datasheet
28Kb / 1P
   Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
   Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
   Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD73 ETC1-SPD73 Datasheet
41Kb / 1P
   Shielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com