Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15V4M16A Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T15V4M16A
Description  256K X 16 LOW POWER CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15V4M16A Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T15V4M16A Datasheet HTML 1Page - Taiwan Memory Technology T15V4M16A Datasheet HTML 2Page - Taiwan Memory Technology T15V4M16A Datasheet HTML 3Page - Taiwan Memory Technology T15V4M16A Datasheet HTML 4Page - Taiwan Memory Technology T15V4M16A Datasheet HTML 5Page - Taiwan Memory Technology T15V4M16A Datasheet HTML 6Page - Taiwan Memory Technology T15V4M16A Datasheet HTML 7Page - Taiwan Memory Technology T15V4M16A Datasheet HTML 8Page - Taiwan Memory Technology T15V4M16A Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TE
CH
tm
Preliminary T15V4M16A
Taiwan Memory Technology, Inc. reserves the right
P. 1
Publication Date: SEP. 2000
to change products or specifications without notice.
Revision:0.B
SRAM
256K X 16 LOW POWER
CMOS STATIC RAM
FEATURES
• Low-power consumption
-
Active: 5mA (ICC1)
-
Stand-by: 10uA (CMOS input/output)
• 55/70/100 ns access time
• Equal access and cycle time
• Single +2.7V to 3.6V Power Supply
• TTL compatible , Tri-state output
• Common I/O capability
• Automatic power-down when deselected
• Available in 44-PIN TSOP-II and 48-pin CSP
packages
PART NUMBER EXAMPLES
PART NO.
PACKAGE CODE
T15V4M16A-55S
T15V4M16A-70C
T15V4M16A-100C
S = TSOP-II
C = CSP
GENERAL DESCRIPTION
The T15V4M16A is a very Low Power
CMOS Static RAM organized as 262,144 words by
16 bits. That operates on a wide voltage range
from 2.7V to 3.6V power supply, Fabricated using
high performance CMOS technology, Inputs and
three-state outputs are TTL compatible and allow
for direct interfacing with common system bus
structures. Data retention is guaranteed at a power
supply voltage as low as 1.5V.
BLOCK DIAGRAM
DECODER
A0
A17
I/O16
Vcc
DATA I/O
CORE
ARRAY
Vss
I/O1
WE
OE
CE
CONTROL
CIRCUIT
UB
LB
.
.
.
.
.
.


Similar Part No. - T15V4M16A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15V4M08A TMT-T15V4M08A Datasheet
74Kb / 11P
   512K X 8 LOW POWER CMOS STATIC RAM
T15V4M08A-55C TMT-T15V4M08A-55C Datasheet
74Kb / 11P
   512K X 8 LOW POWER CMOS STATIC RAM
T15V4M08A-70P TMT-T15V4M08A-70P Datasheet
74Kb / 11P
   512K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15V4M16A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C18164096 MOSEL-V62C18164096 Datasheet
51Kb / 10P
   256K x 16, CMOS STATIC RAM
V62C1164096 MOSEL-V62C1164096 Datasheet
178Kb / 10P
   256K x 16, CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1041L PYRAMID-P4C1041L Datasheet
674Kb / 11P
   LOW POWER 256K x 16 (4 MEG) STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T15V2M08A TMT-T15V2M08A Datasheet
83Kb / 12P
   256K X 8 LOW POWER CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com