Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P048F048M12AL Datasheet(PDF) 7 Page - Vicor Corporation

Part # P048F048M12AL
Description  VI Chip - PRM-AL Pre-Regulator Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

P048F048M12AL Datasheet(HTML) 7 Page - Vicor Corporation

Back Button P048F048M12AL Datasheet HTML 3Page - Vicor Corporation P048F048M12AL Datasheet HTML 4Page - Vicor Corporation P048F048M12AL Datasheet HTML 5Page - Vicor Corporation P048F048M12AL Datasheet HTML 6Page - Vicor Corporation P048F048M12AL Datasheet HTML 7Page - Vicor Corporation P048F048M12AL Datasheet HTML 8Page - Vicor Corporation P048F048M12AL Datasheet HTML 9Page - Vicor Corporation P048F048M12AL Datasheet HTML 10Page - Vicor Corporation P048F048M12AL Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
vicorpower.com
800-735-6200
V•I Chip Pre-Regulator Module
P048F048T12AL
Rev. 1.0
Page 7 of 14
PRELIMINARY
Auxiliary Pins (Conditions are at 48 Vin, 48 Vf, full load, and 25°C ambient unless otherwise specified)
Parameter
Min
Typ
Max
Unit
Note
VC (VTM Control)
Peak voltage
12
14
18
V
Referenced to –OUT
PC (Primary Control)
DC voltage
4.8
5.0
5.2
Vdc
Referenced to –IN
Module disable voltage
2.3
2.4
Vdc
Referenced to –IN
Module enable voltage
2.5
2.6
Vdc
Disable hysteresis
100
mV
Source only after start up; not to be used for
Current limit
1.75
1.90
mA
aux. supply; 100 kΩ minimum load
impedance to assure start up.
Enable delay time
100
µs
Disable delay time
1
µs
IL (Current Limit Adjust)
Voltage
1
V
Accuracy
± 15
%
Based on DC current limit set point
PR (Parallel Port)
Voltage
0.6
7.5
V
Referenced to SG
Source current
1
mA
External capacitance
100
pF
VH (Auxiliary Voltage)
Range
8.7
9.0
9.3
Vdc
Maximum source = 5 mA, referenced to SG
Regulation
0.04
%/mA
SC (Secondary Control)
Voltage
1.22
1.24
1.26
Vdc
Referenced to SG
Internal capacitance
0.1
µF
External capacitance
0.7
µF
OS (Output Set)
Set point accuracy
± 1.5
%
Includes 1% external resistor
Reference offset
± 4
mV
CD (Compensation Device)
External resistance
20
Ω
Omit resistor for regulation at output of PRM
Parameter
Min
Typ
Max
Unit
Note
MTBF
MIL-HDBK-217F
2.2
Mhrs
25°C, GB
Agency approvals (pending)
cTÜVus
UL/CSA 60950, EN60950
CE Mark
Low voltage directive
Mechanical parameters
See mechanical drawing, Figure 19
Weight
0.5 / 14
oz / g
Dimensions
Length
1.26 / 32
in / mm
Width
0.87 / 22
in / mm
Height
0.25 / 6,2
in / mm
General Specs
Electrical Specifications (continued)
V•I Chip Pre-Regulator Module


Similar Part No. - P048F048M12AL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P048F048M12AL VICOR-P048F048M12AL Datasheet
1Mb / 14P
   PRM Regulator
More results

Similar Description - P048F048M12AL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P048F048T24AL VICOR-P048F048T24AL Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
P048K048T24AL VICOR-P048K048T24AL Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
   PRM??Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P036F048T12AL VICOR-P036F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
1Mb / 13P
   PRM??Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
PRD48AF480T400A00 VICOR-PRD48AF480T400A00 Datasheet
2Mb / 9P
   PRM-AL Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com