Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-80830CLUA-B6P-T2 Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # S-80830CLUA-B6P-T2
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80830CLUA-B6P-T2 Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button S-80830CLUA-B6P-T2 Datasheet HTML 28Page - Seiko Instruments Inc S-80830CLUA-B6P-T2 Datasheet HTML 29Page - Seiko Instruments Inc S-80830CLUA-B6P-T2 Datasheet HTML 30Page - Seiko Instruments Inc S-80830CLUA-B6P-T2 Datasheet HTML 31Page - Seiko Instruments Inc S-80830CLUA-B6P-T2 Datasheet HTML 32Page - Seiko Instruments Inc S-80830CLUA-B6P-T2 Datasheet HTML 33Page - Seiko Instruments Inc S-80830CLUA-B6P-T2 Datasheet HTML 34Page - Seiko Instruments Inc S-80830CLUA-B6P-T2 Datasheet HTML 35Page - Seiko Instruments Inc S-80830CLUA-B6P-T2 Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808xxC Series
Rev.3.2_00
32
Seiko Instruments Inc.
OUT
VSS
VDD
S-808xxC
Series
V
R
*1
100 k
COUT
VDD
V
VIH
Output voltage
Input voltagae
VIL
VDD
tpHL
tpLH
VIH
=10 V, VIL=0.95 V
1
µs
1
µs
VDD
×10 %
VDD
×90 %
*1.
R is unnecessary for CMOS output products.
Figure 23 Measurement Condition for Response Time
Figure 24 Measurement Circuit for Response Time
Caution The above connection diagram and constants do not guarantee correct operation. Perform
sufficient evaluation using the actual application to set the constants.
Application Circuit Examples
1. Microcomputer Reset Circuits
If the power supply voltage to a microcomputer falls below the specified level, an unspecified operation may
be performed or the contents of the memory register may be lost. When power supply voltage returns to
normal, the microcomputer needs to be initialized before normal operations can be done.
Reset circuits protect microcomputers in the event of current being momentarily switched off or lowered.
Reset circuits shown in Figures 25 to 26 can be easily constructed with the help of the S-808xxC series,
that has low operating voltage, a high-precision detection voltage and hysteresis.
VSS
VDD
Microcomputer
S-
808xxCL
VSS
(Only for Nch open-drain products)
VDD1
VDD2
Microcomputer
S-
808xxCN
Figure 25 Reset Circuit Example(S-808xxCL)
Figure 26 Reset Circuit Example (S-808xxCN)
Caution The above connection diagram and constants do not guarantee correct operation. Perform
sufficient evaluation using the actual application to set the constants.


Similar Part No. - S-80830CLUA-B6P-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80830CLUA-B6PT2G SII-S-80830CLUA-B6PT2G Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-80830CLUA-B6PT2X ABLIC-S-80830CLUA-B6PT2X Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
More results

Similar Description - S-80830CLUA-B6P-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com