Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74GTLP1395 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74GTLP1395
Description  TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLP1395 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74GTLP1395 Datasheet HTML 7Page - Texas Instruments SN74GTLP1395 Datasheet HTML 8Page - Texas Instruments SN74GTLP1395 Datasheet HTML 9Page - Texas Instruments SN74GTLP1395 Datasheet HTML 10Page - Texas Instruments SN74GTLP1395 Datasheet HTML 11Page - Texas Instruments SN74GTLP1395 Datasheet HTML 12Page - Texas Instruments SN74GTLP1395 Datasheet HTML 13Page - Texas Instruments SN74GTLP1395 Datasheet HTML 14Page - Texas Instruments SN74GTLP1395 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SN74GTLP1395
TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SCES349C – JUNE 2001 – REVISED NOVEMBER 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISTRIBUTED-LOAD BACKPLANE SWITCHING CHARACTERISTICS
The preceding switching characteristics table shows the switching characteristics of the device into a lumped load
(Figure 1). However, the designer’s backplane application probably is a distributed load. The physical representation
is shown in Figure 2. This backplane, or distributed load, can be approximated closely to a resistor inductance
capacitance (RLC) circuit, as shown in Figure 3. This device has been designed for optimum performance in this RLC
circuit. The following switching characteristics table shows the switching characteristics of the device into the RLC
load, to help the designer better understand the performance of the GTLP device in the backplane. See
www.ti.com/sc/gtlp for more information.
Drvr
1.5 V
.25”
1”
1”
1”
1.5 V
1”
1”
1”
.25”
Rcvr
Rcvr
Rcvr
Figure 2. High-Drive Test Backplane
Slot 1
Slot 2
Slot 19
Slot 20
Conn.
Conn.
Conn.
Conn.
ZO = 50 Ω
From Output
Under Test
Test
Point
1.5 V
CL = 18 pF
11
LL = 14 nH
Figure 3. High-Drive RLC Network
switching characteristics over recommended operating conditions for the bus transceiver
function (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
EDGE RATE†
TYP‡
UNIT
tPLH
A
B
Slow
4.3
ns
tPHL
A
B
Slow
4.2
ns
tPLH
A
B
Fast
3.8
ns
tPHL
A
B
Fast
3.4
ns
tPLH
A
Y
Slow
6.1
ns
tPHL
A
Y
Slow
5.9
ns
tPLH
A
Y
Fast
5.6
ns
tPHL
A
Y
Fast
5.4
ns
t
Rise time B outputs (20% to 80%)
Slow
1.5
ns
tr
Rise time, B outputs (20% to 80%)
Fast
1
ns
tf
Fall time B outputs (80% to 20%)
Slow
2.6
ns
tf
Fall time, B outputs (80% to 20%)
Fast
2
ns
† Slow (ERC = H) and Fast (ERC = L)
‡ All typical values are at VCC = 3.3 V, TA = 25°C. All values are derived from TI SPICE models.


Similar Part No. - SN74GTLP1395

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLP1395DWR TI1-SN74GTLP1395DWR Datasheet
917Kb / 24P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
SN74GTLP1395DWRE4 TI1-SN74GTLP1395DWRE4 Datasheet
917Kb / 24P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
SN74GTLP1395DWRG4 TI1-SN74GTLP1395DWRG4 Datasheet
917Kb / 24P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
SN74GTLP1395PW TI1-SN74GTLP1395PW Datasheet
917Kb / 24P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
SN74GTLP1395PWE4 TI1-SN74GTLP1395PWE4 Datasheet
917Kb / 24P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
More results

Similar Description - SN74GTLP1395

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP22033 TI1-SN74GTLP22033 Datasheet
645Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP22034 TI-SN74GTLP22034 Datasheet
366Kb / 20P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2033 TI-SN74GTLP2033 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2034 TI-SN74GTLP2034 Datasheet
435Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP1395PWRG4 TI1-SN74GTLP1395PWRG4 Datasheet
917Kb / 24P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com