Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8621Y Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8621Y
Description  Dual Step-Down DC-DC Power-Management ICs for Portable Devices
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8621Y Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8621Y Datasheet HTML 1Page - Maxim Integrated Products MAX8621Y Datasheet HTML 2Page - Maxim Integrated Products MAX8621Y Datasheet HTML 3Page - Maxim Integrated Products MAX8621Y Datasheet HTML 4Page - Maxim Integrated Products MAX8621Y Datasheet HTML 5Page - Maxim Integrated Products MAX8621Y Datasheet HTML 6Page - Maxim Integrated Products MAX8621Y Datasheet HTML 7Page - Maxim Integrated Products MAX8621Y Datasheet HTML 8Page - Maxim Integrated Products MAX8621Y Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Dual Step-Down DC-DC Power-Management ICs
for Portable Devices
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3.7V, CIN1 = 10µF, CIN2 = CIN3 = 4.7µF, COUT1 = COUT2 = 4.7µF, COUT3 = COUT4 = 2.2µF, CREFBP = 0.01µF, TA = -40°C to
+85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Tristate High Input Threshold
Hysteresis
SEL_
50
mV
PWRON,
EN2 Pulldown Resistor
to GND
400
800
1600
k
Ω
STEP-DOWN DC-DC CONVERTER 1 (BUCK1)
Supply Current
ILOAD = 0A, no switching
40
µA
Output Voltage Range
0.6
3.3
V
FB1 Threshold Voltage
VFB1 falling
0.603
V
FB1 Threshold Line Regulation
2.6V
≤ VIN ≤ 5.5V
0.3
%/V
FB1 Threshold Voltage Hysteresis
(% of VFB1)
1%
Shutdown
0.01
FB1 Bias Current
VFB1 = 0.5V
0.01
µA
p-MOSFET switch (ILIMP)
670
1000
1500
Current Limit
n-MOSFET rectifier (ILIMN)
750
1000
1330
mA
p-MOSFET switch, ILX1 = -40mA
0.65
1.5
On-Resistance
n-MOSFET rectifier, ILX1 = 40mA
0.35
0.8
Ω
Rectifier Off-Current Threshold
ILXOFF
45
70
mA
tON
107
Minimum On- and Off-Times
tOFF
95
ns
STEP-DOWN DC-DC CONVERTER 2 (BUCK2)
Supply Current
ILOAD = 0A, no switching
40
µA
Output Voltage Range
0.6
3.3
V
FB2 Threshold Voltage
VFB2 falling
0.603
V
FB2 Threshold Line Regulation
2.6V
≤ VIN ≤ 5.5V
0.3
%/V
FB2 Threshold Voltage Accuracy
(Falling) (% of VFB2)
ILOAD = 0A
-2.5
+2.5
%
FB2 Threshold Voltage Hysteresis
(% of VFB2)
1%
Shutdown
0.01
FB2 Bias Current
VFB = 0.5V
0.01
µA
p-MOSFET switch
670
1000
1500
Current Limit
n-MOSFET rectifier
750
1000
1330
mA
p-MOSFET switch, ILX2 = -40mA
0.65
1.5
On-Resistance
n-MOSFET rectifier, ILX2 = 40mA
0.35
0.8
Ω
Rectifier Off-Current Threshold
ILXOFF
45
70
mA
tON
107
Minimum On- and Off-Times
tOFF
95
ns


Similar Part No. - MAX8621Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8620Y MAXIM-MAX8620Y Datasheet
409Kb / 18P
   PMIC for Microprocessors or DSPs in Portable Equipment
Rev 0; 1/05
MAX8620YETD MAXIM-MAX8620YETD Datasheet
409Kb / 18P
   PMIC for Microprocessors or DSPs in Portable Equipment
Rev 0; 1/05
MAX8625 MAXIM-MAX8625 Datasheet
609Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
19-1006; Rev 4; 4/09
MAX8625A MAXIM-MAX8625A Datasheet
470Kb / 15P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 0; 3/08
MAX8625A MAXIM-MAX8625A Datasheet
478Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 2; 10/08
More results

Similar Description - MAX8621Y

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
ams AG
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
   650mA, Step Down DC/DC Converter for Portable Applications
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
logo
National Semiconductor ...
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
   650mA Miniature, Step-Down DC-DC Converter for Portable Applications
logo
Torex Semiconductor
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
logo
Linear Technology
LTC3886 LINER-LTC3886 Datasheet
686Kb / 8P
   Programming Board for Dual Output Step Down DC/DC Controller with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com