Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8621Y Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8621Y
Description  Dual Step-Down DC-DC Power-Management ICs for Portable Devices
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8621Y Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8621Y Datasheet HTML 1Page - Maxim Integrated Products MAX8621Y Datasheet HTML 2Page - Maxim Integrated Products MAX8621Y Datasheet HTML 3Page - Maxim Integrated Products MAX8621Y Datasheet HTML 4Page - Maxim Integrated Products MAX8621Y Datasheet HTML 5Page - Maxim Integrated Products MAX8621Y Datasheet HTML 6Page - Maxim Integrated Products MAX8621Y Datasheet HTML 7Page - Maxim Integrated Products MAX8621Y Datasheet HTML 8Page - Maxim Integrated Products MAX8621Y Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX8621Y/MAX8621Z power-management inte-
grated circuits (PMICs) are designed for a variety of
portable devices including cellular handsets. These
PMICs include two high-efficiency step-down DC-DC
converters, four low-dropout linear regulators (LDOs)
with pin-programmable capability, one open-drain dri-
ver, a 60ms (typ) reset timer, and power-on/off control
logic. These devices offer high efficiency with a no-load
supply current of 160µA, and their small thin QFN 4mm
x 4mm package makes them ideal for portable devices.
The step-down DC-DC converters utilize a proprietary
4MHz hysteretic-PWM control scheme that allows for
ultra-small external components. Internal synchronous
rectification improves efficiency and eliminates the
external Schottky diode that is required in conventional
step-down converters. The output voltage is adjustable
from 0.6V to 3.3V. The output current is guaranteed up
to 500mA.
The four LDOs offer low 45µVRMS output noise and low
dropout of only 100mV at 100mA. OUT1 and OUT2
deliver 300mA (min) of continuous output current.
OUT3 and OUT4 deliver 150mA (min) of continuous
output current. The output voltages are pin selectable
by SEL1 and SEL2 for flexibility. The MAX8621Y/
MAX8621Z offer different sets of LDO output voltages.
A microprocessor reset output (
RESET) monitors OUT1
and warns the system of impending power loss, allow-
ing safe shutdown.
RESET asserts during power-up,
power-down, shutdown, and fault conditions where
VOUT1 is below its regulation voltage.
A 200mA driver output is provided to control LED back-
lighting or provide an open-drain connection for resis-
tors such as in feedback networks.
Applications
Cellular Handsets
Smart Phones, PDAs
Digital Cameras
MP3 Players
Wireless LAN
Features
♦ Two 500mA Step-Down Converters
Up to 4MHz Switching Frequency
Adjustable Output from 0.6V to 3.3V
♦ Four Low-Noise LDOs with Pin-Programmable
Output Voltages
♦ One Open-Drain Driver
♦ 60ms (typ) Reset Timer
♦ Power-On/Off Control Logic and Sequencing
♦ 4mm x 4mm x 0.8mm 24-Pin Thin QFN
Dual Step-Down DC-DC Power-Management ICs
for Portable Devices
________________________________________________________________ Maxim Integrated Products
1
PART
TEMP RANGE
PIN-PACKAGE
MAX8621YETG
-40°C to +85°C
24 Thin QFN
4mm x 4mm (T2444-4)
MAX8621YETG+
-40°C to +85°C
24 Thin QFN
4mm x 4mm (T2444-4)
MAX8621ZETG
-40°C to +85°C
24 Thin QFN
4mm x 4mm (T2444-4)
MAX8621ZETG+
-40°C to +85°C
24 Thin QFN
4mm x 4mm (T2444-4)
Ordering Information
MAX8621Y
MAX8621Z
IN1
IN2
IN3
PWRON
EN3
EN4
SEL2
ENDR
REFBP
GND
OUT1
OUT2
OUT3
OUT4
DR
LX1
FB1
PGND1
LX2
FB2
PGND2
RESET
SEL1
EN2
INPUT
2.6V TO 5.5V
INPUT
OUT4
3V, 150mA
OUT3
1.8V, 150mA
OUT2
2.6V, 300mA
OUT1
2.6V, 300mA
BUCK1
1.375V, 500mA
BUCK2
1.8V, 500mA
RESET
Typical Operating Circuit
19-3539; Rev 1; 8/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration appears at end of data sheet.
EVALUATION
KIT
AVAILABLE
+ Denotes lead-free package.


Similar Part No. - MAX8621Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8620Y MAXIM-MAX8620Y Datasheet
409Kb / 18P
   PMIC for Microprocessors or DSPs in Portable Equipment
Rev 0; 1/05
MAX8620YETD MAXIM-MAX8620YETD Datasheet
409Kb / 18P
   PMIC for Microprocessors or DSPs in Portable Equipment
Rev 0; 1/05
MAX8625 MAXIM-MAX8625 Datasheet
609Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
19-1006; Rev 4; 4/09
MAX8625A MAXIM-MAX8625A Datasheet
470Kb / 15P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 0; 3/08
MAX8625A MAXIM-MAX8625A Datasheet
478Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 2; 10/08
More results

Similar Description - MAX8621Y

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
ams AG
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
   650mA, Step Down DC/DC Converter for Portable Applications
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
logo
National Semiconductor ...
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
   650mA Miniature, Step-Down DC-DC Converter for Portable Applications
logo
Torex Semiconductor
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
logo
Linear Technology
LTC3886 LINER-LTC3886 Datasheet
686Kb / 8P
   Programming Board for Dual Output Step Down DC/DC Controller with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com