Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA18-11YWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # SA18-11YWA
Description  45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA18-11YWA Datasheet(HTML) 1 Page - Kingbright Corporation

  SA18-11YWA Datasheet HTML 1Page - Kingbright Corporation SA18-11YWA Datasheet HTML 2Page - Kingbright Corporation SA18-11YWA Datasheet HTML 3Page - Kingbright Corporation SA18-11YWA Datasheet HTML 4Page - Kingbright Corporation SA18-11YWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: CDA0857
REV NO: V.1
DATE: NOV/18/2001
PAGE: 1 OF 5
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
SA18-11EWA/GWA/YWA/SRWA
SC18-11EWA/GWA/YWA/SRWA
SBA18-11EGWA
SBC18-11EGWA
45mm (1.8INCH) SINGLE DIGIT
NUMERIC DISPLAYS
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change whitout notice.
Package Dimensions & Internal Circuit Diagram
Features
1.8 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
HIGH LIGHT OUTPUT.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MULTICOLOR AVAILABLE.
CATEGORIZED FOR LUMINOUS INTENSITY,
YELLOW AND GREEN CATEGORIZED FOR COLOR.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
LightEmittingDiode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
EmittingDiode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.


Similar Part No. - SA18-11YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA18-11YWA KINGBRIGHT-SA18-11YWA Datasheet
221Kb / 5P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SA18-11YWA

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MS141A MICRO-ELECTRONICS-MS141A Datasheet
63Kb / 2P
   0.4 SINGLE DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Micro Electronics
MY134A-C MICRO-ELECTRONICS-MY134A-C Datasheet
72Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MS132A-C MICRO-ELECTRONICS-MS132A-C Datasheet
68Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MS144A MICRO-ELECTRONICS-MS144A Datasheet
61Kb / 2P
   0.39 SINGLE DIGIT NUMERIC DISPLAYS
MS139A MICRO-ELECTRONICS-MS139A Datasheet
63Kb / 2P
   0.39 SINGLE DIGIT NUMERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-3406L LITEON-LTS-3406L Datasheet
1Mb / 8P
   0.8 SINGLE DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
SX52 ETC-SX52 Datasheet
149Kb / 5P
   13.2MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Micro Electronics
MY131A-C MICRO-ELECTRONICS-MY131A-C Datasheet
74Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
TOS-40101 ETC1-TOS-40101 Datasheet
153Kb / 1P
   4.00 INCH SINGLE DIGIT NUMERIC DISPLAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com