Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCAS6-10-L Datasheet(PDF) 4 Page - Vicor Corporation

Part # LCAS6-10-L
Description  VI CHIP Evaluation Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

LCAS6-10-L Datasheet(HTML) 4 Page - Vicor Corporation

  LCAS6-10-L Datasheet HTML 1Page - Vicor Corporation LCAS6-10-L Datasheet HTML 2Page - Vicor Corporation LCAS6-10-L Datasheet HTML 3Page - Vicor Corporation LCAS6-10-L Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V•I Chip Evaluation Board
Rev.
1.2
Page 4 - 4
P/N
26692 9/29/10M
45
Vicor’s comprehensive line of power solutions includes high density AC-DC
and DC-DC modules and accessory components, fully configurable AC-DC
and DC-DC power supplies, and complete custom power systems.
Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is
assumed by Vicor for its use. No license is granted by implication or otherwise under any patent or patent
rights of Vicor. Vicor components are not designed to be used in applications, such as life support systems,
wherein a failure or malfunction could result in injury or death. All sales are subject to Vicor’s Terms and
Conditions of Sale, which are available upon request.
Specifications are subject to change without notice.
Vicor Corporation
25 Frontage Road
Andover, MA, USA 01810
Tel: 800-735-6200
Fax: 978-475-6715
Email
Vicor Express: vicorexp@vicr.com
Technical Support: apps@vicr.com
Intellectual Property
Vicor and its subsidiaries own Intellectual Property (issued U.S. and Foreign Patents and
pending patent applications) relating to the product described in this data sheet including;
• The electrical and thermal utility of the V•IChip package
• The design of the V•IChip package
• The Power Conversion Topology utilized in the V•IChip package
• The Control Architecture utilized in the V•IChip package
• The Factorized Power Architecture.
Purchase of this product conveys a license to use it. Anybody wishing to utilize Vicor
proprietary technologies must first obtain a license. Potential users are encouraged to first
contact Vicor Intellectual Property Department.


Similar Part No. - LCAS6-10-L

ManufacturerPart #DatasheetDescription
logo
C&K Components
LCA CK-COMPONENTS-LCA Datasheet
177Kb / 5P
   Subminiature Snap-acting Switches
LCA CK-COMPONENTS-LCA Datasheet
445Kb / 4P
   Small Size Snap-acting Switches
12 Jul 21
logo
List of Unclassifed Man...
LCA-20K-200M ETC2-LCA-20K-200M Datasheet
262Kb / 3P
   Ultra-Low-Noise Current Amplifier
logo
Vishay Siliconix
LCA0204/SK1 VISHAY-LCA0204/SK1 Datasheet
203Kb / 4P
   Carbon Film Resistors, Standard
Revision 03-Sep-03
LCA0207/SK2 VISHAY-LCA0207/SK2 Datasheet
203Kb / 4P
   Carbon Film Resistors, Standard
Revision 03-Sep-03
More results

Similar Description - LCAS6-10-L

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB050Q096T70N1-CB VICOR-IB050Q096T70N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB050E096T48N1-CB VICOR-IB050E096T48N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB048E096T40N1-CB VICOR-IB048E096T40N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB050E096T40N1-CB VICOR-IB050E096T40N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB050Q096T64N1-CB VICOR-IB050Q096T64N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
GA355QR7GF222KW01L VICOR-GA355QR7GF222KW01L Datasheet
1Mb / 6P
   VI BRICK짰 AC Front End Evaluation Board
BCD48BF030T210A00 VICOR-BCD48BF030T210A00 Datasheet
1Mb / 5P
   VI Chip짰 BCM짰 Customer Evaluation Board User Guide
QPI-10-CB1 VICOR-QPI-10-CB1 Datasheet
1Mb / 7P
   QPI-10LZ Filter Carrier Board for 48 V VI Chip EMI Evaluation
QPI-12-CB1 VICOR-QPI-12-CB1 Datasheet
1Mb / 6P
   QPI-12LZ Filter Carrier Board for 48 V VI Chip EMI Evaluation
logo
Abracon Corporation
ACR1004A-EVB ABRACON-ACR1004A-EVB Datasheet
1,021Kb / 3P
   Evaluation Board - WiFi 6E Chip Antenna
10-13-21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com