Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD15N06L Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTD15N06L
Description  Power MOSFET 15 Amps, 60 Volts, Logic Level
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD15N06L Datasheet(HTML) 3 Page - ON Semiconductor

  NTD15N06L Datasheet HTML 1Page - ON Semiconductor NTD15N06L Datasheet HTML 2Page - ON Semiconductor NTD15N06L Datasheet HTML 3Page - ON Semiconductor NTD15N06L Datasheet HTML 4Page - ON Semiconductor NTD15N06L Datasheet HTML 5Page - ON Semiconductor NTD15N06L Datasheet HTML 6Page - ON Semiconductor NTD15N06L Datasheet HTML 7Page - ON Semiconductor NTD15N06L Datasheet HTML 8Page - ON Semiconductor NTD15N06L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NTD15N06L
http://onsemi.com
3
016
8
0.08
0
24
0.16
0.32
32
0.24
2
1.6
1.2
1.4
1
0.8
0.6
10
1
1000
10000
08
4
2
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
016
8
0.08
0
24
Figure 3. On−Resistance versus Drain Current
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
32
−50
50
25
0
−25
75
125
100
13
27
040
30
20
60
10
6
8
16
8 V
6 V
5 V
4 V
3.5 V
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
TJ = 100°C
VGS = 5 V
VGS = 10 V
150
175
VGS = 0 V
ID = 7.5 A
VGS = 5 V
24
0.16
0.32
4.5 V
VGS = 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
32
TJ = 150°C
TJ = 100°C
0
32
8
16
24
46
3 V
TJ = 25°C
TJ = −55°C
50
100
5
0.24
1.8


Similar Part No. - NTD15N06L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD15N06 ONSEMI-NTD15N06 Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts
September, 2003 ??Rev. 1
NTD15N06-1 ONSEMI-NTD15N06-1 Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts
September, 2003 ??Rev. 1
NTD15N06T4 ONSEMI-NTD15N06T4 Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts
September, 2003 ??Rev. 1
More results

Similar Description - NTD15N06L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP18N06LG ONSEMI-NTP18N06LG Datasheet
91Kb / 8P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
August, 2005 ??Rev. 4
NTP30N06L ONSEMI-NTP30N06L Datasheet
69Kb / 8P
   Power MOSFET 30 Amps, 60 Volts, Logic Level
March, 2002 ??Rev. 1
NTP75N06L ONSEMI-NTP75N06L Datasheet
72Kb / 8P
   POWER MOSFET 75 AMPS, 60 VOLTS, LOGIC LEVEL
April, 2001 ??Rev. 0
NTD20N06L ONSEMI-NTD20N06L Datasheet
89Kb / 12P
   Power MOSFET 20 Amps, 60 Volts, Logic Level
August, 2003 ??Rev. 1
NTD15N06 ONSEMI-NTD15N06 Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts
September, 2003 ??Rev. 1
NTP18N06L ONSEMI-NTP18N06L Datasheet
92Kb / 12P
   Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
October, 2003 ??Rev. 3
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
NTD32N06L ONSEMI-NTD32N06L Datasheet
66Kb / 8P
   Power MOSFET 32 Amps, 60 Volts, Logic Level(N-Channel DPAK)
April, 2004 ??Rev. 3
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com