Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3323EEPE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3323EEPE
Description  15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3323EEPE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3323EEPE Datasheet HTML 1Page - Maxim Integrated Products MAX3323EEPE Datasheet HTML 2Page - Maxim Integrated Products MAX3323EEPE Datasheet HTML 3Page - Maxim Integrated Products MAX3323EEPE Datasheet HTML 4Page - Maxim Integrated Products MAX3323EEPE Datasheet HTML 5Page - Maxim Integrated Products MAX3323EEPE Datasheet HTML 6Page - Maxim Integrated Products MAX3323EEPE Datasheet HTML 7Page - Maxim Integrated Products MAX3323EEPE Datasheet HTML 8Page - Maxim Integrated Products MAX3323EEPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
±15kV ESD-Protected, RS-232 Transceivers for
Multidrop Applications
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.0V to 5.5V, VL = 1.65V to 5.5V, C1–C4 = 0.1µF, tested at +3.3V ±10%; C1 = 0.047µF, C2 = C3 = C4 = 0.33µF, tested at +5V
±10%; TA = TMIN to TMAX. Typical values are at VCC = VL = 3.3V and TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VL = 1.65V
1
1.4
VL = 3.3V
1.5
2.4
Input Threshold High
VL = 5.0V
1.8
2.4
V
Input Hysteresis
0.35
V
RENABLE = 1
3
5
7
k
Input Resistance
RIN
RENABLE = 0 or SHDN = 0V, RIN from -13V
to +13V
1M
TRANSMITTER OUTPUTS
Output Voltage Swing
All transmitter outputs loaded with 3k
Ω to
ground
±5
±5.4
V
Output Resistance
VCC = V+ = V- = 0, TOUT_ = ±2V,
TXENABLE = 1
300
10M
Output Short-Circuit Current
VOUT = 0V
±60
mA
Output Leakage Current
VOUT = ±12V, transmitters disabled
±25
µA
ESD PROTECTION
Human Body Model
±15
IEC 1000-4-2 Air-Gap Discharge
±15
RIN, TOUT
IEC 1000-4-2 Contact Discharge
±8
kV
TIMING CHARACTERISTICS
(VCC = 3.0V to 5.5V, VL = 1.65V to 5.5V, C1–C4 = 0.1µF, tested at +3.3V ±10%; C1 = 0.047µF, C2 = C3 = C4 = 0.33µF, tested at +5V
±10%; TA = TMIN to TMAX. Typical values are at VCC = VL = 3.3V and TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Data Rate
RL = 3k
Ω, CL = 1000pF, one transmitter
switching
250
kbps
tPHL
150
Receiver Propagation Delay
tPLH
RIN_ to ROUT_, CL = 30pF, VL = 3.3V,
Figure 2
180
ns
tPHL
0.6
Transmitter Propagation Delay
tPLH
TIN_ to TOUT_, RL = 3k
Ω, CL = 1000pF,
Figure 1
0.7
µs
Time to Enter Three-State on Tx
(Note 2)
10
50
µs
Time to Exit Three-State on Tx
(Note 2)
3
50
µs
Time to Enable Resistor
(Note 2)
0.4
10
µs
Time to Disable Resistor
(Note 2)
0.2
10
µs
Time to Enter Shutdown
50
µs
Time to Exit Shutdown
50
µs
Transmitter Skew
100
ns
Receiver Skew
30
ns
Transition Region Slew Rate
RL = 3k
Ω to 7kΩ, CL = 1000pF, measured
from +3V to -3V or vice versa
6
30
V/µs
Note 2: Guaranteed by design. Not production tested.


Similar Part No. - MAX3323EEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3323EEPE MAXIM-MAX3323EEPE Datasheet
334Kb / 13P
   Multidrop Applications
Rev 1; 1/03
More results

Similar Description - MAX3323EEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Maxim Integrated Produc...
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
logo
Intersil Corporation
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
   3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com