Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3510 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # MC3510
Description  Pilot Motion Processor
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC3510 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button MC3510 Datasheet HTML 42Page - List of Unclassifed Manufacturers MC3510 Datasheet HTML 43Page - List of Unclassifed Manufacturers MC3510 Datasheet HTML 44Page - List of Unclassifed Manufacturers MC3510 Datasheet HTML 45Page - List of Unclassifed Manufacturers MC3510 Datasheet HTML 46Page - List of Unclassifed Manufacturers MC3510 Datasheet HTML 47Page - List of Unclassifed Manufacturers MC3510 Datasheet HTML 48Page - List of Unclassifed Manufacturers MC3510 Datasheet HTML 49Page - List of Unclassifed Manufacturers MC3510 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
MC3510 Technical Specifications
46
host. HA0 acts as an address bit, and usually is an address bit on the bus. When the host is writing,
HA0 low indicates data and HA0 high indicates a command. When the host is reading, HAO low
indicates data and HA0 high indicates status. Read status is the only transaction allowed while
HRDY is low. During a host write the AND gate (G1:HOST INTERFACE) and two flops latch the
incoming data in the interface latches by driving ~HG1 low from the start of the write transaction
until the first negative clock transition after the first positive transition following the start of the write
cycle. This tail-biting circuit removes the requirement for hold time on the data bus.
HICTLA
Most of the control logic for the host interface is shown on schematic HICTLA. The sequencer at
the top generates HCYC one clock interval after the interface has been accessed and the host has
finished the transaction. The nature of the transaction, rd/wr, command/data, and read status is
preserved in the three flops F13, F8, and F9. Since 16 bit transfers must take place over an 8 bit bus
two transfers are required. The toggle flop is used to determine whether a cycle is the first or second
of the 2 required. The toggle flop may be initialized to the 0 state, which indicates that this is the
first transfer (high byte), by the CP writing a one to host status bit 15. This status bit is read by the
host as the HRDY bit and is not writable by the CP. In addition flop F12 and the associated gating
determine if the present command transaction is the first or second byte of a command. If the
toggle flop gets into the wrong state due to a missed or aborted transfer the next command will set it
back to the correct state. A host write or a CP write, DSIW, enable REG1 and REG2 on the HOST
INTERFACE schematic discussed previously. A host data write generates ~ENHD1 and
~ENHD2 for the data registers on the DATAREG schematic. For host writes ~EN2, ~EN1,
~ENHD2, and ~ENHD1 are also determined by the state of the toggle flop using HIEN and
LOEN. 1CMD is used in this logic to ensure correct behavior when the command is correcting the
state of the toggle. The logic at the bottom of the page generates the CP interrupt, the HRDY and
the HCMDFL. The HCMDFL is used in the CP status to indicate a command. DSIW, the CP
writing to REG1 and REG2 on the HOST INTERFACE schematic clears the interrupt and reasserts
HRDY. HRDY is de-asserted during all host transactions except read status, and stays de-asserted
until the CP has completed the DSIW cycle that clears the interrupt and reasserts HRDY. As
mentioned previously data transfers to and from the host use the data registers and do not interrupt
the CP. The CP knows the number of data transfers that must take place after decoding the
command. It places this number, 0-3, in the 2 least significant bits of the host status register,
HST[1:0]. These become DPNT[1:0] on this page of the schematic and enable an interrupt at 0 for a
read and 1 or 0 for a write. The CP always leaves these bits at 0 unless setting up a multiple word
data transfer. If INTEN is true and LRDST, latched read status, is false, HCYC will generate an
interrupt to the CP. This will also hold HRDY false until after the CP writes to the interface register,
DSIW, thereby generating ~CLRFLGS.
IOPIL8 4
The CP interface is shown in sheet IOPIL8 4. The incoming data DSD[15:0] is latched in the
transparent latches when ~DG1 and ~DG2 go high. This occurs at the completion of a write from
the CP to the I/O chip. The latched data DSI[15:8] and DSI[7:0] go to schematic IOPIL8 1 and
IOPIL16 5. DSI[7:0] also goes to IOPIL16 2. Data from the interface to the CP, DO[15:8] and
DO[7:0] is enabled onto the CP bus, DSD[15:0], by DOE2 and DOE1 respectively. The output
latches, which present the data during a CP read, are always transparent because GOUT is connected
to VDD. The latched I/O in the Actel part contains both input and output latches. The output
latches could be omitted in the CP interface if a different CPLD or FPGA does not have this feature.
The two incoming CP address bits CPA0 and CPA1 are also latched using ~DG3. The 20CK signal
is the clock for the CP. This is a 20 MHz clock derived from a 40 MHz clock input.


Similar Part No. - MC3510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC35100V1-0000-A99 ETC-MC35100V1-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
MC35100V2-0000-A99 ETC-MC35100V2-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
More results

Similar Description - MC3510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3110 ETC-MC3110 Datasheet
1Mb / 81P
   Pilot??Motion Processor
MC3310 ETC-MC3310 Datasheet
1Mb / 83P
   Motion Processor
MC2400 ETC1-MC2400 Datasheet
1Mb / 59P
   Navigator Motion Processor
MC2500 ETC1-MC2500 Datasheet
1Mb / 52P
   Navigator Motion Processor
MC2300 ETC-MC2300 Datasheet
1Mb / 59P
   Navigator Motion Processor
logo
STMicroelectronics
STI3220 STMICROELECTRONICS-STI3220 Datasheet
2Mb / 24P
   MOTION ESTIMATION PROCESSOR
logo
List of Unclassifed Man...
MC58000 ETC1-MC58000 Datasheet
443Kb / 50P
   Magellan Motion Processor
logo
Gennum Corporation
GF9331 GENNUM-GF9331 Datasheet
474Kb / 31P
   DTV/SDTV Motion Co-processor
logo
Analog Devices
ADMC201 AD-ADMC201_15 Datasheet
589Kb / 15P
   Motion Coprocessor
REV. B
logo
ON Semiconductor
FSB50450B ONSEMI-FSB50450B Datasheet
891Kb / 13P
   Motion SPM
February 2017 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com