Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9248F-163-T Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS9248F-163-T
Description  AMD - K7 System Clock Chip
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248F-163-T Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS9248F-163-T Datasheet HTML 4Page - Integrated Circuit Systems ICS9248F-163-T Datasheet HTML 5Page - Integrated Circuit Systems ICS9248F-163-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9248F-163-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9248F-163-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9248F-163-T Datasheet HTML 9Page - Integrated Circuit Systems ICS9248F-163-T Datasheet HTML 10Page - Integrated Circuit Systems ICS9248F-163-T Datasheet HTML 11Page - Integrated Circuit Systems ICS9248F-163-T Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
ICS9248-163
Preliminary Product Preview
Third party brands and names are the property of their respective owners.
Electrical Characteristics - PCICLK
TA = 0 - 70º C; VDD = 3.3 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH1
IOH = -11 mA
2.6
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-16
mA
Output Low Current
IOL1
VOL = 0.8 V
19
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
2
ns
Duty Cycle
1
dt1
VT = 50%
45
55
%
Skew
1
(window)
Tsk
1
VT = 1.5V
500
ps
1
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - CPUCLK
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH2B
IOH = -12.0 mA
2
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
mA
Rise Time
tr2B
1
VOL = 0.4 V, VOH = 2.0 V
1.6
ns
Fall Time
tf2B
1
VOH = 2.0 V, VOL = 0.4 V
1.6
ns
Duty Cycle
dt2B
1
VT = 1.25 V
45
55
%
Skew
tsk2B
1
VT = 1.25 V
175
ps
Jitter, Cycle-to-cycle
tjcyc-cyc2B
1
VT = 1.25 V
250
ps
Jitter, One Sigma
tj1s2B
1
VT = 1.25 V
150
ps
Jitter, Absolute
tjabs2B
1
VT = 1.25 V
-250
+250
ps
1Guaranteed by design, not 100% tested in production.


Similar Part No. - ICS9248F-163-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248F-151-T ICST-ICS9248F-151-T Datasheet
154Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results

Similar Description - ICS9248F-163-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
   AMD - K7??System Clock Chip
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
   AMD-K7 System Clock Chip
ICS9248-141 ICST-ICS9248-141 Datasheet
155Kb / 14P
   AMD - K7??System Clock Chip
logo
Renesas Technology Corp
ICS9248-114 RENESAS-ICS9248-114 Datasheet
1Mb / 15P
   AMD - K7 ™ System Clock Chip
12/28/01
logo
Integrated Circuit Syst...
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
   Programmable System Clock Chip for AMD - K7??processor
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
   Programmable System Clock Chip for AMD - K7 processor
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
   Programmable System Clock Chip for AMD - K7??Processor
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
   Programmable System Clock Chip for AMD - K7??processor
ICS94235 ICST-ICS94235 Datasheet
757Kb / 19P
   PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
   AMD - K7??Clock Generator for Mobile System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com