Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS00-02571 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HS00-02571
Description  e10/100Base Networking Products
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HS00-02571 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HS00-02571 Datasheet HTML 1Page - List of Unclassifed Manufacturers HS00-02571 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
86
Notes:
(1) For Tape & Reel Packaging, add a “TR” suffix to the end of the Part Number when ordering, e.g. HS00-99657TR or HS00-99657LFTR
(for RoHS Compliant)
(2) Add a “LF” suffix to the Part Number for RoHS compliant parts, e.g. HS00-00888LF or HS00-00888LFTR (for Tape & Reel)
(3) Contact BI Technologies for RoHS compliant part availability.
(4) Tube Packaging only.
(5) Extreme Operating Temperature Range: -55°C ~ +125°C
(6) IC to Cable side: C is Common Mode Choke, S is Shunt Inductor and T is Transformer
(7) Turns Ratio is IC to Cable side
HS91-97701
LF
1
C, T, C, S C, T
1CT:1CT
1CT:1CT
16-pin SMT
100 mil 25.40 12.70
7.00
1500
HS91-98240
LF
1
C, T, C, S C, T
1CT:1CT
1CT:1CT
16-pin SMT
100 mil 25.40 12.70
7.00
1500
HS91-98704
LF
1
T, C
T, C
√2CT:1CT 1CT:1CT
16-pin SMT
100 mil 25.40 12.70
7.00
1500
HS00-031184
LF
2
T, C
T, C
1CT:1CT
1CT:1CT
24-pin SMT 39.4 mil 13.08
14.99
3.68
1500
HS00-02744
LF
1
T, C, S
C, T
1CT:1CT
1CT:1CT
24-pin SMT
50 mil
17.78
15.24
5.72
1500
HS00-03085
LF
1
T, C, S
C, T
1CT:1CT
1CT:1CT
24-pin SMT
50 mil
17.78
15.24
5.72
1500
HS00-98250
LF
2
C, T, C
C, T
1CT:1CT
1:1
40-pin SMT
50 mil
29.80
16.26
6.95
1500
HS00-98251
LF
2
T, C
C, T
1CT:1CT
1:1
40-pin SMT
50 mil
29.80
16.26
6.95
1500
HS00-98252
LF
2
T, C
C, T
1CT:1
1CT:1CT
40-pin SMT
50 mil
29.80
16.26
6.95
1500
HS00-98253
LF
2
T, C, S
C, T
1CT:1CT
1CT:1CT
40-pin SMT
50 mil
29.80
16.26
6.95
1500
HS00-00520
LF
4
T, C
C, T
1CT:1CT
1:1
40-pin SMT
50 mil
29.80
16.26
6.95
1500
HS00-00888
LF
4
T, C
T, C
1CT:1CT
1CT:1CT
40-pin SMT
50 mil
29.80
16.26
5.97
1500
HS00-01276
LF
4
T, C
T, C
1CT:1CT
1:1
40-pin SMT
50 mil
29.80
16.26
6.95
1500
HS00-05067
LF
4
T, C
T, C
1CT:1CT
1CT:1CT
40-pin SMT
50 mil
27.62
16.00
5.77
1500
HS00-98248
LF
4
T, C
C, T
1CT:1CT
1:1
40-pin SMT
50 mil
29.80
16.26
6.95
1500
HS00-98249
LF
4
T, C
C, T
1CT:1CT
1:1
40-pin SMT
50 mil
29.80
16.26
6.95
1500
HS00-98254
LF
4
T, C
C, T
2CT:1CT
1:1
40-pin SMT
50 mil
29.80
16.26
6.95
1500
HS00-98255
LF
4
T, C
T, C
√2CT:1CT
1:1
40-pin SMT
50 mil
29.80
16.26
6.95
1500
HS00-98256
LF
4
T, C
C, T
1CT:1CT
1:1
40-pin SMT
50 mil
29.80
16.26
6.95
1500
HS00-98258
LF
4
T, C
C, T
1CT:1CT
1:1
40-pin SMT
50 mil
29.80
16.26
6.95
1500
HS00-98259
LF
4
T, C
C, T
1CT:1CT
1:1
40-pin SMT
50 mil
29.80
16.26
6.95
1500
HS00-98645
LF
4
T, C
C, T
2CT:1CT
1:1
40-pin SMT
50 mil
29.80
16.26
6.95
1500
HS00-99145
LF
4
T, C
C, T
2CT:1CT
1:1
40-pin SMT
50 mil
29.80
16.26
6.95
1500
HS00-03810
LF
4
T, C, S
C, T
1CT:1CT
1CT:1CT
48-pin SMT
40 mil
27.81
15.24
7.24
1500
Specifications
Ports
Configuration6
Turns Ratio7
Packaging (mm)
Hi-Pot
BI P/N1
RoHS2 Supported
Tx
Rx
Tx
Rx
Style
Pitch
Length Width Height (Vrms)


Similar Part No. - HS00-02571

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HS00-02560 BITECH-HS00-02560 Datasheet
405Kb / 3P
   Gigabit Ethernet Networking Products
More results

Similar Description - HS00-02571

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HS92 BITECH-HS92 Datasheet
329Kb / 1P
   10Base Networking Products
HS00 BITECH-HS00 Datasheet
405Kb / 3P
   Gigabit Ethernet Networking Products
logo
Chicago Miniature Lamp,...
1860913X CML-1860913X Datasheet
302Kb / 1P
   StarLEDs T31/4 (10x25mm) E10
1862723X CML-1862723X Datasheet
306Kb / 1P
   Mega StarLEDs T31/4 (10x25mm) E10
1860713X CML-1860713X Datasheet
368Kb / 1P
   StarLEDs T31/4 (10x25mm) E10
logo
LUMEX INC.
SSP-D29E10SUGC-12V LUMEX-SSP-D29E10SUGC-12V Datasheet
42Kb / 1P
   10mm CIRCULAR E10 BASE LAMP
logo
Abracon Corporation
ARJE-0051 ABRACON-ARJE-0051 Datasheet
1Mb / 4P
   Networking equipment
09/26/2016
logo
NXP Semiconductors
S32G3 NXP-S32G3 Datasheet
1Mb / 131P
   FlexRay networking with high data rate Ethernet networking
Rev. 2 - 02/2023
logo
Integrated Circuit Syst...
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
   Networking Clock Source
logo
Bud Industries, Inc.
UN-8080 BUD-UN-8080 Datasheet
120Kb / 1P
   UNIVERSAL NETWORKING CABINET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com