Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-C2GB012GB05 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTR-C2GB012GB05
Description  ULTRA MINIATURE RELAY SIGNAL RELAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-C2GB012GB05 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTR-C2GB012GB05 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-C2GB012GB05 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-C2GB012GB05 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-C2GB012GB05 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-C2GB012GB05 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-C2GB012GB05 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-C2GB012GB05 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-C2GB012GB05 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FTR-C2 Series
5
n
DIMENSIONS AND SCHEMATICS
Surface mount type
5.08 ±0.3
7.62 ±0.3
(1.135)
5.08 ±0.3
10.8 ±0.3
7.62 ±0.3
(Top view de-energized position)
n
TERMINAL DESIGNATIONS
n
RECOMMENDED MOUNTING
Unit: mm
Unit: mm
5.08 ±0.1
5.08 ±0.1
7.62 ±0.1
1 ±0.1
1 ±0.1
1 ±0.1
1 ±0.1
Polarity bar
S: shows polarity of set position
R: shows polarity of reset position
S R
Polarity bar
(Top view reset position)
Single Coil Latching Type


Similar Part No. - FTR-C2GB012GB05

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-C2GB012G FUJITSU-FTR-C2GB012G Datasheet
840Kb / 8P
   SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap
More results

Similar Description - FTR-C2GB012GB05

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
NEC
EA23SNU NEC-EA23SNU Datasheet
103Kb / 8P
   MINIATURE SIGNAL RELAY
logo
Adam Technologies, Inc.
RPL-1A-P-24 ADAM-TECH-RPL-1A-P-24 Datasheet
92Kb / 1P
   MINIATURE SIGNAL RELAY
logo
Hongfa Technology
HFD3-I HONGFA-HFD3-I Datasheet
833Kb / 6P
   MINIATURE SIGNAL RELAY
logo
Adam Technologies, Inc.
RPL-1C-P-48 ADAM-TECH-RPL-1C-P-48 Datasheet
93Kb / 1P
   MINIATURE SIGNAL RELAY
logo
Omron Electronics LLC
G5V-2 OMRON-G5V-2_1 Datasheet
86Kb / 4P
   Miniature Relay for Signal Circuits
G5V2 OMRON-G5V2 Datasheet
421Kb / 6P
   Miniature Relay for Signal Circuits
G5V-2-DC24 OMRON-G5V-2-DC24 Datasheet
369Kb / 6P
   Miniature Relay for Signal Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com