Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CY25568 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part No. CY25568
Description  Spread Spectrum Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY25568 Datasheet(HTML) 2 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY25568
Spread Spectrum Clock Generator
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07111 Rev. *A
06/21/01
Page 2 of 12
Approved Product
BLOCK DIAGRAM
Figure 1. Block Diagram
ORDERING INFORMATION
Part No.
Package
Operating
Temperature Range
CY25568SC
16 Pin
SOIC
0 to 70
°C
Table 1. Ordering Information
REFERENCE
DIVIDER
PD and CP
LF
VCO
VCO
COUNTER
DIVIDER
and
MUX
INPUT
DECODER LOGIC
1
13
16
3
300K
MODULATION
CONTROL
VDD
VSS
XIN
XOUT
FRSEL
11
8pF
8pF
9
8
6
7
5
15
14
10
4
S1 SO D1 DO PD#
12
2
REFOUT
SSCLK1
SSCLK2
SSCLK3
VDD
VSS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CY25200Programmable Spread Spectrum Clock Generator for EMI Reduction 1 2 3 4 5 MoreCypress Semiconductor
CY25818SPREAD SPECTRUM CLOCK GENERATOR 1 2 3 4 5 MoreCypress Semiconductor
PCK2010CK98 100/133MHz Spread Spectrum System Clock Generator 1 2 3 4 5 MoreNXP Semiconductors
PCK2010RCK98R 100/133MHz RCC spread spectrum system clock generator 1 2 3 4 5 MoreNXP Semiconductors
CY25811Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
ICS7151Spread Spectrum Clock Generator 1 2 3 4 5 MoreIntegrated Circuit Systems
MB88153Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
PCK2010RACK98R 100/133MHz RCC spread spectrum system clock generator 1 2 3 4 5 MoreNXP Semiconductors
ICS7151ASpread Spectrum Clock Generator 1 2 3 4 5 MoreIntegrated Circuit Systems
MB88151Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn