Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25568 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY25568
Description  Spread Spectrum Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25568 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY25568 Datasheet HTML 4Page - Cypress Semiconductor CY25568 Datasheet HTML 5Page - Cypress Semiconductor CY25568 Datasheet HTML 6Page - Cypress Semiconductor CY25568 Datasheet HTML 7Page - Cypress Semiconductor CY25568 Datasheet HTML 8Page - Cypress Semiconductor CY25568 Datasheet HTML 9Page - Cypress Semiconductor CY25568 Datasheet HTML 10Page - Cypress Semiconductor CY25568 Datasheet HTML 11Page - Cypress Semiconductor CY25568 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CY25568
Spread Spectrum Clock Generator
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07111 Rev. *A
06/21/01
Page 11 of 12
Approved Product
16 PIN SOIC PACKAGE DRAWING AND OUTLINE
Figure 7. SOIC16 Drawing
16 Pin SOIC Outline Dimensions (150 mil)
INCHES
MILLIMETERS
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
0.053
-
0.069
1.35
-
1.75
A1
0.004
-
0.010
0.10
-
0.25
A2
0.047
-
0.059
1.20
-
1.50
B
0.013
-
0.020
0.33
-
0.51
C
0.007
-
0.010
0.19
-
0.25
D
0.366
-
0.394
9.80
-
10.00
E
0.150
-
0.157
3.80
-
4.00
e
0.050 BSC
1.27 BSC
H
0.228
-
0.244
5.80
-
6.20
L
0.016
-
0.050
0.40
-
1.27
a0º
-8º
-8º
Table 9. SOIC16 Outline
Notice
Cypress Semiconductor Corporation reserves the right to make changes to its products in order to improve design,
performance or reliability. Cypress Semiconductor Corporation assumes no responsibility for the use of its products
in life supporting and medical applications where the failure or malfunction of the product could cause failure of the
life supporting and medical systems. Products are not authorized for use in such applications unless a written
approval is requested by the manufacturer and an approval is given in writing by Cypress Semiconductor
Corporation for the use of its products in the life supporting and medical applications.
a
B
e
A
A1
A2
D
E
H
L
C


Similar Part No. - CY25568

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25568 CYPRESS-CY25568 Datasheet
252Kb / 14P
   Spread Spectrum Clock Generator 4 to 32 MHz Input frequency range
CY25568SXC CYPRESS-CY25568SXC Datasheet
252Kb / 14P
   Spread Spectrum Clock Generator 4 to 32 MHz Input frequency range
CY25568SXCT CYPRESS-CY25568SXCT Datasheet
252Kb / 14P
   Spread Spectrum Clock Generator 4 to 32 MHz Input frequency range
CY25568 CYPRESS-CY25568_11 Datasheet
252Kb / 14P
   Spread Spectrum Clock Generator 4 to 32 MHz Input frequency range
More results

Similar Description - CY25568

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com